Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD953F2V-12UT Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD953F2V-12UT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD953F2V-12UT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD953F2V-12UT Datasheet HTML 8Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 9Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 10Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 11Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 12Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 13Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 14Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 15Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PSD813F2V, PSD854F2V
12/109
Doc ID 10552 Rev 3
PC2
18
I/O
PC2 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC2) output.
Input to the PLDs.
This pin can be configured as a CMOS or Open Drain output.
PC3
17
I/O
PC3 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC3) output.
Input to the PLDs.
TSTAT output2 for the JTAG Serial Interface.
Ready/Busy output for parallel In-System Programming (ISP).
This pin can be configured as a CMOS or Open Drain output.
PC4
14
I/O
PC4 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC4) output.
Input to the PLDs.
TERR output2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
PC5
13
I/O
PC5 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC5) output.
Input to the PLDs.
TDI input2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
PC6
12
I/O
PC6 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC6) output.
Input to the PLDs.
TDO output2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
Pin Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com