Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD953F2V-12UT Datasheet(PDF) 23 Page - STMicroelectronics

Part # PSD953F2V-12UT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD953F2V-12UT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PSD953F2V-12UT Datasheet HTML 19Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 20Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 21Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 22Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 23Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 24Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 25Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 26Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
23/109
PSD813F2V, PSD854F2V
Doc ID 10552 Rev 3
Reading the Erase/Program Status Bits
The PSD provides several status bits to be used
by the MCU to confirm the completion of an Erase
or Program cycle of Flash memory. These status
bits minimize the time that the MCU spends per-
forming these tasks and are defined in Table 10.
The status bits can be read as many times as
needed.
For Flash memory, the MCU can perform a READ
operation to obtain these status bits while an
Erase or Program instruction is being executed by
the embedded algorithm. See the section entitled
PROGRAMMING FLASH MEMORY, page 25 for
details.
Table 10. Status Bit
Note: 1. X = Not guaranteed value, can be read either '1' or ’0.’
2. DQ7-DQ0 represent the Data Bus bits, D7-D0.
3. FS0-FS7 and CSBOOT0-CSBOOT3 are active High.
Functional Block
FS0-FS7/CSBOOT0-
CSBOOT3
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Flash Memory
VIH
Data
Polling
Toggle
Flag
Error
Flag
X
Erase
Time-
out
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com