Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD953F2V-12UT Datasheet(PDF) 17 Page - STMicroelectronics

Part # PSD953F2V-12UT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD953F2V-12UT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PSD953F2V-12UT Datasheet HTML 13Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 14Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 15Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 16Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 17Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 18Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 19Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 20Page - STMicroelectronics PSD953F2V-12UT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
17/109
PSD813F2V, PSD854F2V
Doc ID 10552 Rev 3
DEVELOPMENT SYSTEM
The PSD8XXFX family is supported by PSDsoft
Express, a Windows-based software development
tool. A PSD design is quickly and easily produced
in a point and click environment. The designer
does not need to enter Hardware Description Lan-
guage (HDL) equations, unless desired, to define
PSD pin functions and memory map information.
The general design flow is shown in Figure 6.
PSDsoft Express is available from our web site
(the address is given on the back page of this data
sheet) or other distribution channels.
PSDsoft Express directly supports two low cost
device programmers form ST: PSDpro and Flash-
LINK (JTAG). Both of these programmers may be
purchased through your local distributor/represen-
tative, or directly from our web site using a credit
card. The PSD is also supported by third party de-
vice programmers. See our web site for the current
list.
Figure 6. PSDsoft Express Development Tool
PSD Configuration
PSD Fitter
PSD Simulator
PSD Programmer
*.OBJ FILE
PLD DESCRIPTION
CONFIGURE MCU BUS
INTERFACE AND OTHER
PSD ATTRIBUTES
LOGIC SYNTHESIS
AND FITTING
PSDsilos III
DEVICE SIMULATION
(OPTIONAL)
PSDPro, or
FlashLINK (JTAG)
ADDRESS TRANSLATION
AND MEMORY MAPPING
PSDabel
MODIFY ABEL TEMPLATE FILE
OR GENERATE NEW FILE
PSD TOOLS
GENERATE C CODE
SPECIFIC TO PSD
FUNCTIONS
USER'S CHOICE OF
MICROCONTROLLER
COMPILER/LINKER
*.OBJ AND *.SVF
FILES AVAILABLE
FOR 3rd PARTY
PROGRAMMERS
(CONVENTIONAL or
JTAG-ISC)
FIRMWARE
HEX OR S-RECORD
FORMAT
AI04918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com