Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M01-RCS6P/A Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24M01-RCS6P/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RCS6P/A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24M01-RCS6P/A Datasheet HTML 21Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 22Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 23Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 24Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 25Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 26Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 27Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 28Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
DC and AC parameters
Doc ID 12943 Rev 7
25/37
Table 14.
AC characteristics at 1 MHz (M24M01-HR)
Test conditions specified in Table 7
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0
1
MHz
tCHCL
tHIGH
Clock pulse width high
300
-
ns
tCLCH
tLOW
Clock pulse width low
400
-
ns
tXH1XH2
(1)
1.
Input rise/fall time values recommended by the Fast-mode Plus I²C-bus specification. The M24xxx devices
accept longer input rise/fall times provided that these rise/fall times are compatible with all other timing
conditions defined in this AC table.
tR
Input signal rise time
-
120
ns
tXL1XL2
(1)
tF
Input signal fall time
-
120
ns
tQL1QL2
(2)(3)
2.
Characterized only, not tested in production.
3.
The SDA(out) rise time is not defined by the M24xxx, it is defined by the application pull-up resistor
(connected on the SDA line) and, therefore, it is not specified in this table.
tF
SDA (out) fall time
-
120
ns
tDXCH
tSU:DAT
Data in setup time
80
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX
tDH
Data out hold time
50
-
ns
tCLQV
(4)(5)
4.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
5.
tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach 0.8VCC, assuming
that the Rbus × Cbus time constant is within the range defined in Figure 6.
tAA
Clock low to next data valid (access time)
50
500
ns
tCHDL
(6)
6.
For a reStart condition, or following a Write cycle.
tSU:STA
Start condition setup time
250
-
ns
tDLCL
tHD:STA Start condition hold time
250
-
ns
tCHDH
tSU:STO Stop condition setup time
250
-
ns
tDHDL
tBUF
Time between Stop condition and next
Start condition
500
-
ns
tW
tWR
Write time
-
5
ms
tNS
(2)
Pulse width ignored (input filter on SCL
and SDA)
-50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com