Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M01-RCS6P/A Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24M01-RCS6P/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RCS6P/A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24M01-RCS6P/A Datasheet HTML 28Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 29Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 30Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 31Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 32Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 33Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 34Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 35Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Part numbering
M24M01-R, M24M01-W, M24M01-HR
32/37
Doc ID 12943 Rev 7
9
Part numbering
Table 19.
Ordering information scheme (M24M01-x products sold in packages)
Example:
M24M01
–
H R MN
6
T
P
/A
Device type
M24 = I2C serial access EEPROM
Device function
M01 = 1 Mbit (256 Kb × 8 bits)
Clock frequency
Blank: fC max = 400 kHz
H: fC max = 1 MHz
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
Package
MN = SO8 (150 mils width)
MW = SO8 (208 mils width)
CS = WLCSP
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Automotive: device tested with high reliability certified flow(1) over –40 to 125 °C
1.
ST strongly recommends the use of automotive grade devices for use in automotive environments. The
high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest
ST sales office for a copy.
Option
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(2)
2.
The Process letter only concerns grade 3 devices and WLCSP devices.
A = F8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com