Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M01-RCS6P/A Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24M01-RCS6P/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RCS6P/A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24M01-RCS6P/A Datasheet HTML 29Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 30Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 31Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 32Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 33Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 34Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 35Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 36Page - STMicroelectronics M24M01-RCS6P/A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
Revision history
Doc ID 12943 Rev 7
35/37
10
Revision history
Table 22.
Document revision history
Date
Revision
Changes
07-Dec-2006
1
Initial release.
02-Oct-2007
2
Document status promoted from Preliminary Data to full Datasheet.
Section 2.6: Supply voltage (VCC) updated.
Note 1 updated to latest standard revision below Table 6: Absolute
maximum ratings.
VIL, VIH modified and, rise/fall time corrected in Test conditions in
Table 11: DC characteristics (M24M01-R and M24M01-HR).
Package values in inches calculated from mm and rounded to 4
decimal digits (note added below package mechanical data tables in
Section 7: Package mechanical data.
26-Nov-2007
3
1 MHz maximum clock frequency added:
– Figure 6: M24M01-HR – Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I2C bus at maximum frequency fC =
1MHz
– Table 14: AC characteristics at 1 MHz (M24M01-HR) added.
tNS moved from Table 10: Input parameters to Table 13: AC
characteristics at 400 kHz (M24M01-R and M24M01-W). Note
removed below Table 10. In Table 13, tCH1CH2, tCL1CL2 and tDL1DL2
removed, tXH1XH2, tXL1XL2 added, tDL1DL2 max modified, notes
modified.
Figure 5: M24M01-R/M24M01-W – Maximum Rbus value versus bus
parasitic capacitance (Cbus) for an I2C bus at maximum frequency fC
= 400 kHz modified.
Figure 13: AC waveforms modified. Small text changes.
18-Mar-2008
4
M24M01-HR root part number added. Small text changes.
Figure 6: M24M01-HR – Maximum Rbus value versus bus parasitic
capacitance (Cbus) for an I2C bus at maximum frequency fC = 1MHz
modified.
Most significant address bits modified in Section 3.8: Page Write on
page 15.
Test conditions modified for ILI, ICC and VOL in Table 11: DC
characteristics (M24M01-R and M24M01-HR).
TW and TNS values corrected in Table 13: AC characteristics at
400 kHz (M24M01-R and M24M01-W).
Cross-reference corrected in Note 5 below Table 14: AC
characteristics at 1 MHz (M24M01-HR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com