Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6240GP Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP Datasheet HTML 27Page - Infineon Technologies AG TLE6240GP Datasheet HTML 28Page - Infineon Technologies AG TLE6240GP Datasheet HTML 29Page - Infineon Technologies AG TLE6240GP Datasheet HTML 30Page - Infineon Technologies AG TLE6240GP Datasheet HTML 31Page - Infineon Technologies AG TLE6240GP Datasheet HTML 32Page - Infineon Technologies AG TLE6240GP Datasheet HTML 33Page - Infineon Technologies AG TLE6240GP Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
Data Sheet
30
Rev.3.3, 2010-02-15
Diagnosis Read-Out Option 2): Diagnosis only
SI information: Full diagnosis for channels 1 to 8. No change of output states
SO: 16 bit diagnosis for channels 1 to 8 performed during next chip select cycle
SI information: Full diagnosis for channels 9 to 16. No change of output states
SO: 16 bit diagnosis for channels 9 to 16 performed during next chip select cycle
Diagnosis Read-Out Option 3): Read back of parallel inputs plus simple diagnosis
SI information: No change of the output states. Read back of parallel inputs and 1 bit diagnosis for channels 1 to 8
SO: State of eight inputs plus 1 bit diagnosis for channel 1 to 8 during next chip select cycle
SI information: No change of the output states. Read back of parallel inputs and 1 bit diagnosis for channels 9 to 16
SO: State of eight inputs plus 1 bit diagnosis for channel 9 to 16 during next chip select cycle
Diagnosis Read-Out Option 4): SPI Echo function
Table 14
diagnosis - No change of output states
MSB
LSB
L
LLLL
LLL
X
XXXX
XXX
Control Byte
Data Byte
Table 15
diagnosis - No change of output states
MSB
LSB
L
L
L
L
HHHH
X
XXXX
XXX
Control Byte
Data Byte
Table 16
No change of output states - read
MSB
LSB
H
H
L
L
L
L
L
L
X
XXXX
XXX
Control Byte
Data Byte
Table 17
No change of output states - read
MSB
LSB
HH
L
L
HHHH
X
XXXX
XXX
Control Byte
Data Byte
Table 18
No change of output states - Echo
MSB
LSB
HLHL
L
L
L
L
X
XXXX
XXX
Control Byte
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com