Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6240GP Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP Datasheet HTML 23Page - Infineon Technologies AG TLE6240GP Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
Data Sheet
22
Rev.3.3, 2010-02-15
To drive all 16 channels and to get the complete diagnosis data of the TLE6240GP a two step access has to be
performed as follows:
Figure 14
First Access
Figure 15
Second Access
SI
SO
CS
SI command: Control Byte 1 programs the
operation mode of channels 1 to 8.
Data Byte 1 gives the input information (on
or off) for Channel 1 to 8.
SO diagnosis: Diagnosis information of
channel 1 to 8 or 9 to 16, depending on the
SI control word before.
Control Byte1
Data Byte1
16 bit Diagnosis
SI
SO
CS
Control Byte1
Data Byte1
DIAG_1 (Ch. 1 to 8)
SI command: Control Byte 1 programs the
operation mode of Channels 1 to 8.
Data Byte 1 gives the input information (on
or off) for Channel 1 to 8.
SO diagnosis: 16 bit diagnosis information
(two bit per channel) of channels 1 to 8
SI
SO
CS
SI command: Control Byte 2 programs the
operation mode of channels 9 to 16.
Data Byte 2 gives the input information (on
or off) for Channel 9 to 16.
SO diagnosis: Diagnosis information of
channel 1 to 8 or 9 to 16, depending on the
SI control word before.
Control Byte2
Data Byte2
16 bit Diagnosis
SI
SO
CS
Control Byte2
Data Byte2
DIAG_2 (Ch. 9 to 16)
SI command: Control Byte 2 programs the
operation mode of Channels 9 to 16.
Data Byte 2 gives the input information (on
or off) for Channel 9 to 16.
SO diagnosis: 16 bit diagnosis information
(two bit per channel) of channels 9 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com