Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6240GP Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6240GP Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
Data Sheet
18
Rev.3.3, 2010-02-15
5.5
SPI Interface
Electrical Characteristics: SPI Interface
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, Reset = H (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.5.1
Input Pull-down Current (SI, SCLK)
I
IN(SI,SCLK) 10
20
50
µA–
5.5.2
Input Pull-up Current (CS)
I
IN(CS)
10
20
50
µA–
5.5.3
SO High State Output Voltage
V
SOH
V
S - 0.4 –
–
V
I
SOH = 2 mA
5.5.4
SO Low State Output Voltage
V
SOL
––
0.4
V
I
SOL = 2.5 mA
5.5.5
Output Tri-state Leakage Current
I
SOlkg
-10
0
10
µACS = H;
0
≤ V
SO ≤ VS
5.5.6
Serial Clock Frequency
(depending on SO load)
f
SCK
DC
–
5
MHz
–
5.5.7
Serial Clock Period (1/
f
clk)
t
p(SCK)
200
–
–
ns
–
5.5.8
Serial Clock High Time
t
SCKH
50
–
–
ns
–
5.5.9
Serial Clock Low Time
t
SCKL
50
–
–
ns
–
5.5.10
Enable Lead Time (falling edge of
CS to rising edge of CLK)
t
lead
200
–
–
ns
–
5.5.11
Enable Lag Time (falling edge of
CLK to rising edge of CS)
t
lag
200
–
–
ns
–
5.5.12
Data Setup Time (required time SI
to falling of CLK)
t
SU
20
–
–
ns
–
5.5.13
Data Hold Time (falling edge of
CLK to SI)
t
H
20
–
–
ns
–
5.5.14
Disable Time (@
C
L = 50 pF)
1)
1) This parameter will not be tested but specified by design
t
DIS
––
150
ns
–
5.5.15
Transfer Delay Time2)
(CS high time between two
accesses)
2) This time is necessary between two write accesses to control e.g. channel 1 to 8 during the first access and channel 9 to
16 during the second access. To get the correct diagnostic information, the transfer delay time has to be extended to the
maximum fault delay time
t
d(fault)max = 200 µs.
t
dt
200
–
–
ns
–
5.5.16
Data Valid Time
t
valid
––
100
ns
C
L = 50 pF
1)
––
120
ns
C
L = 100 pF
1)
––
150
ns
C
L = 220 pF
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com