Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA85232DA Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 34Page - NXP Semiconductors PCA85232DA Datasheet HTML 35Page - NXP Semiconductors PCA85232DA Datasheet HTML 36Page - NXP Semiconductors PCA85232DA Datasheet HTML 37Page - NXP Semiconductors PCA85232DA Datasheet HTML 38Page - NXP Semiconductors PCA85232DA Datasheet HTML 39Page - NXP Semiconductors PCA85232DA Datasheet HTML 40Page - NXP Semiconductors PCA85232DA Datasheet HTML 41Page - NXP Semiconductors PCA85232DA Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
38 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
12.2 SDA and SDAACK configuration
The Serial DAta line (SDA) and the I2C-bus acknowledge line (SDAACK) are split. Both
lines can be connected together to facilitate a single line SDA.
Fig 26. Values for RPU(max)
Fig 27. Values for RPU(min)
Cb (pF)
20
500
340
180
100
420
260
60
380
220
140
460
300
001aak441
2
4
6
0
1
3
5
RPU(max)
(k
Ω)
VDD (V)
1
6
5
34
2
1.5
5.5
3.5
4.5
2.5
001aak440
2
4
6
1
3
5
RPU(min)
(k
Ω)
0
Fig 28. SDA, SDAACK configurations
013aaa111
SDA
two wire mode
SDAACK
SDA
single wire mode
SDAACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com