| Electronic Components Datasheet Search |
|
PCA85232DA Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA85232DA Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 54 page ![]() PCA85232 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 8 December 2010 40 of 54 NXP Semiconductors PCA85232 LCD driver for low multiplex rates In the cascaded applications, the OSC pin of the PCA85232 with subaddress 0 is connected to VSS so that this device uses its internal clock to generate a clock signal at the CLK pin. The other PCA85232 devices are having the OSC pin connected to VDD, meaning that these devices are ready to receive external clock, the signal being provided by the device with subaddress 0. In the case that the master is providing the clock signal to the slave devices, care must be taken that the sending of display enable or disable will be received by both, the master and the slaves at the same time. When the display is disabled the output from pin CLK is disabled too. The disconnection of the clock may result in a DC component for the display. Alternatively, the schematic can be also constructed such that all the devices have OSC pin connected to VDD and thus an external CLK being provided for the system (all devices connected to the same external CLK). A configuration where SYNC is connected but all PCA85232 are using the internal clock (OSC pin tied to VSS) is not recommended and may lead to display artifacts! Table 21. SYNC contact resistance Number of devices Maximum contact resistance 2 6000 Ω 3 to 5 2200 Ω 6 to 8 1200 Ω |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |