Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5062 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMM5062 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
11
M9999-021910-B
drive the gates on and off at a constant 400kHz to 2MHz
frequency and the switching transitions make up the
switching losses.
Figure 2 shows an efficiency curve. The non-shaded
portion, from 0A to 1A, efficiency losses are dominated
by quiescent current losses, gate drive and transition
losses. In this case, lower supply voltages yield greater
efficiency in that they require less current to drive the
MOSFETs and have reduced input power consumption.
Efficiency vs. Load Current
60
65
70
75
80
85
90
95
100
024
68
10
LOAD CURRENT (A)
Figure 1. Efficiency Curve
The dashed region, 1A to 6A, efficiency loss is
dominated by MOSFET RDS(ON) and inductor DC losses.
Higher input supply voltages will increase the Gate-to-
Source voltage on the internal MOSFETs, thus reducing
the internal RDS(ON). This improves efficiency by
reducing DC losses in the device. All but the inductor
losses are inherent to the device. In which case, inductor
selection becomes increasingly critical in efficiency
calculations. As the inductors are reduced in size, the
DC resistance (DCR) can become quite significant. The
DCR losses can be calculated as follows:
LPD = IOUT
2 × DCR
From that, the loss in efficiency due to inductor
resistance can be calculated as follows:
Efficiency Loss =
()
100
L
I
V
I
V
1
PD
OUT
OUT
OUT
OUT
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⋅
⋅
−
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and
size in this case.
Alternatively, under lighter loads, the ripple current due
to the inductance becomes a significant factor. When
light load efficiencies become more critical, a larger
inductor value maybe desired. Larger inductances
reduce the peak-to-peak inductor ripple current, which
minimize losses. The following graph, in Figure 2,
illustrates the effects of inductance value at light load.
Efficiency vs. Inductance
L = 1µH
L = 4.7µH
50
55
60
65
70
75
80
85
90
95
100
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
Figure 2. Efficiency vs. Inductance
Compensation
The MIC22950 has a combination of internal and
external stability compensation to simplify the circuit for
small, high efficiency designs. In such designs, voltage
mode conversion is often the optimum solution. Voltage
mode is achieved by creating an internal ramp signal
which is derived from the CF current charging an
external capacitor. This ramp is compared to the output
of the error amplifier to modulate the pulse width of the
switch node, maintaining output voltage regulation. With
a typical gain bandwidth of 100 – 200kHz, the MIC22950
is capable of fast transient responses.
The MIC22950 is designed to be stable with a typical
application using a 1µH inductor and a 100µF ceramic
(X5R) output capacitor. These values can be varied
dependant upon the tradeoff between size, cost and
efficiency,
keeping
the
LC
natural
frequency
(
C
L
⋅
×
×
×
π
2
1
) ideally less than FSW/17 to ensure
stability can be achieved. The minimum recommended
inductor value is 0.39µH and minimum recommended
output capacitor value is 10µF.
3.6V to 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com