Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5062 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMM5062 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 22Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
18
M9999-021910-B
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM21BR60J226ME39L
muRata(1)
C2012X5R0J226K
TDK(2)
C1, C2,
C3, C4
08056D226MAT2A
AVX(3)
Capacitor, 22µF, 6.3V, X5R, 0805
4
GRM188R60J106ME47D
muRata
C1608X5R0J106K
TDK
C5
06036D106MAT2A
AVX
Capacitor, 10µF, 6.3V, X5R 0603
1
VJ0603Y390KXXMB
Vitramon(4)
06033A390FAT2A
AVX
C6
C1608C0G1H390J
TDK
Capacitor, 39pF, 25V, X7R, 0603
1
VJ0603Y101KXAAT
Vitramon
06025A101KAT2A
AVX
C7
C1608C0G1H101J
TDK
Ceramic Capacitor, 100pF, 50V, 0603
1
VJ0603Y391KXAAT
Vitramon
06035A391JAT2A
AVX
C8
C1608C0G1H391J
TDK
Ceramic Capacitor, 390pF, 50V, 0603
1
GRM31CR60J476ME19L
muRata
C3216X5R0J476M
TDK
C9, C10
12066D476MAT2A
AVX
Capacitor, 47µF, 6.3V, 1206
2
C11
C13
VJ0603Y102KXXMB
Vitramon
Ceramic Capacitor, 1nf, 50V, 0603
2
C14
VJ0603Y103KXXMB
Vitramon
Ceramic Capacitor, 10nf, 50V, 0603
1
06035A121JAT2A
AVX
C1608COG1H121J
TDK
C12
GRM1885C1H121JA01D
muRata
Capacitor, 120pF, 50V, COG, 0603
CIN
EEE-FPA122UAP
Panasonic(5)
1200uF, 10V, 10x10.2-Case
1
L1
CDEP105ME-1R2MC
Sumida(6)
1.2µH, 21A , Inductor
1
R1
CRCW06031101FRT1
Vishay Dale(4)
Resistor, 1.1k, 1%, 0603
1
R2
CRCW0603698RFRT1
Vishay Dale
Resistor, 698Ω, 1%, 0603
1
R3
CRCW06032002FRT1
Vishay Dale
Resistor, 20k, 1%, 0603
1
R4
CRCW06034752FRT1
Vishay Dale
Resistor, 47.5k 1%, 0603
1
R5
CRCW06031003FRT1
Vishay Dale
Resistor, 100k 1%, 0603
1
2N7002E(SOT-23)
Vishay Corp
Q1
CMDPM7002A
Central Semiconductor(7)
Signal MOSFET-SOT-236
1
U1
MIC22950YML
Micrel
8)
10A Integrated Switch Synchronous Buck Regulator
with Frequency Programmable to 2MHz
1
Notes:
1.
muRata: www.murata.com
2.
TDK: www.tdk.com
3.
AVX: www.avx.com
4.
Vishay: www.vishay.com
5.
Panasonic: www.panasonic.com
6.
Sumida: www.sumida.com
7.
Central Semiconductor: www.centralsemi.com
8.
Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com