Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMM5062 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMM5062 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
16
M9999-021910-B
Current Limit
The MIC22950 is protected against overload in two
stages. The first is to limit the current in the P-Channel
switch; the second is over- temperature shutdown.
Current is limited by measuring the current through the
high-side MOSFET during its power stroke and
immediately switching off the driver when the preset limit
is exceeded.
The circuit in Figure 4 describes the operation of the
current-limit circuit. Since the actual RDSON of the
P-Channel
MOSFET
varies
part-to-part,
over-
temperature and with input voltage, simple I.R voltage
detection is not employed. Instead, a smaller copy of the
Power MOSFET (Reference FET) is fed with a constant
current which is a directly proportional to the factory set
current limit. This sets the current limit as a current ratio
and thus, is not dependant upon the RDSON value.
Current limit is set to nominal value. Variations in the
scale factor K between the Power PFET and the
reference PFET used to generate the limit threshold
account for a relatively small inaccuracy.
Figure 4. Current Limit Detail
Thermal Considerations
The MIC22950 is packaged in the MLF
® 5mm x 5mm, a
package that has excellent thermal performance
equaling that of the larger TSSOP packages. This
maximizes heat transfer from the junction to the exposed
pad (ePAD) which connects to the ground plane. The
size of the ground plane attached to the exposed pad
determines the overall thermal resistance from the
junction to the ambient air surrounding the printed circuit
board. The junction temperature for a given ambient
temperature can be calculated using:
TJ = TA + PDISS × RθJA
Where:
PDISS is the power dissipated within the MLF
® package
and is typically 1.5W at 10A load. This has been
calculated for a 1µH inductor and details can be found in
Table 1.
RθJA is a combination of junction-to-case thermal
resistance
(RθJC)
and
case-to-ambient
thermal
resistance (RθCA), since thermal resistance of the solder
connection from the ePAD to the PCB is negligible; RθCA
is the thermal resistance of the ground plane to ambient.
So RθJA = RθJC + RθCA.
TA is the Operating Ambient temperature.
VIN
VOUT
@ 10A
3
3.5
4
4.5
5
1
1.66
1.67
1.68
1.7
1.73
1.2
1.68
1.69
1.71
1.72
1.74
1.8
1.76
1.76
1.77
1.78
1.8
2.5
1.85
1.84
1.84
1.85
1.86
3.3
-
1.92
1.91
1.91
1.92
Table 1. Power Dissipation (W) for 10A Output
Example
The
Evaluation
board
has
two
copper
planes
contributing to an RθJA of approximately 25
oC/W. The
worst case RθJC of the MLF
® is 11oC/W. If we look at a
typical application of 3.6V to 1.8V @ 10A, the estimated
Power dissipation in the MLF
® package taken from Table
1 will be 1.76W:
RθJA = RθJC + RθCA
RθJA = 11 + 25 = 36
oC/W
To calculate the junction temperature for a 50
oC
ambient:
TJ = TA+PDISS. RθJA
TJ = 50 + (1.76 x 36)
TJ = 113
oC
This is below our maximum of 125
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com