Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACDWB/R2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MM908E624ACDWB/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACDWB/R2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACDWB/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
908E624
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 12. Stop Mode/Wake-Up Procedure
From Reset
initialize
operate
SPI:
2x STOP
Command
STOP
IRQ
interrupt
?
SPI: reason for
interrupt
operate
Switch to VREG
low current mode
Assert IRQ
Switch to VREG
high current mode
MCU
Power Die
Wake Up on
LIN or L1, L2?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com