Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACDWB/R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MM908E624ACDWB/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACDWB/R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACDWB/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
908E624
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
LIN PHYSICAL LAYER (CONTINUED)
Output Current Shutdown Delay
tOV-DELAY
—10
—
μs
SPI INTERFACE TIMING
SPI Operating Recommended Frequency
fSPIOP
0.25
—
4.0
MHz
L1 AND L2 INPUTS
Wake-Up Filter Time (22)
tWUF
8.0
20
38
μs
WINDOW WATCHDOG CONFIGURATION TERMINAL (WDCONF)
Watchdog Period
External Resistor REXT = 10 kΩ (1%)
External Resistor REXT = 100 kΩ (1%)
Without External Resistor REXT (WDCONF Terminal Open)
tPWD
—
—
97
10.558
99.748
150
—
—
205
ms
STATE MACHINE TIMING
Reset Low-Level Duration after VDD High (26)
tRST
0.65
1.0
1.35
ms
Interrupt Low-Level Duration
tINT
7.0
10
13
μs
Normal Request Mode Timeout (26)
tNRTOUT
97
150
205
ms
Delay Between SPI Command and HS1/HS2/HS3 Turn On (23), (24)
tS-HSON
—3.0
10
μs
Delay Between SPI Command and HS1/HS2/HS3 Turn Off (23), (24)
tS-HSOFF
—3.0
10
μs
Delay Between Normal Request and Normal Mode After W/D Trigger
Command (25)
tS-NR2N
6.0
35
70
μs
Delay Between SS Wake-Up (SS LOW to HIGH) and Normal Request Mode
(VDD On and Reset High)
tW-SS
15
40
80
μs
Delay Between SS Wake-Up (SS LOW to HIGH) and First Accepted SPI
Command
tW-SPI
90
—
N/A
μs
Delay Between Interrupt Pulse and First SPI Command Accepted
tS-1STSPI
30
—
N/A
μs
Minimum Time Between Two Rising Edges on SS
t2SS
15
—
—
μs
Notes
22.
This parameter is guaranteed by process monitoring but is not production tested.
23.
Delay between turn-on or turn-off command and high side on or high side off, excluding rise or fall time due to external load.
24.
Delay between the end of the SPI command (rising edge of the SS) and start of device activation/deactivation.
25.
This parameter is guaranteed by process monitoring but it is not production tested.
26.
Also see Figure 10 on page 17
Table 4. Dynamic Electrical Characteristics (continued)
All characteristics are for the analog chip only. Please refer to the 68HC908EY16 data sheet for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com