Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACDWB/R2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MM908E624ACDWB/R2
Description  Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACDWB/R2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACDWB/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MM908E624ACDWB/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
908E624
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
7.0
5/2006
• Implemented Revision History page
• Added Pb-Free package option (Suffix EW) and higher Soldering temperature
• Added “Y” temperature (TJ -40°C to 125°C) code option (MM908E624AYEW) and updated condi-
tion statement for Static and Dynamic Electrical Characteristics
• Corrected Figure 11, Operating Modes and Transitions (“STOP command” for transition from Nor-
mal to Stop state)
• Updated Figure 21, PCB Layout Recommendations, comment NC Terminal used for signal routing
• Updated Table 15, Component Value Recommendation
• Corrected Figure 23, Device on Thermal Test Board
• Removed reference to Note 11, Voltage Regulator - Dropout Voltage
• Added comment “LIN in recessive state” to Supply Current Range in Stop Mode and Sleep Mode
• Updated format to match current data sheet standard.
• Added Figure 10, Power On Reset and Normal Request Time-out Timing
• Added LIN P/L details
• Made clarifications on Max Ratings Table for TA and TJ Thermal Ratings and the accompanying
Note
8.0
3/2007
• Removed “Advance Information” watermark from first page.
9.0
9/2010
• Changed Peak Package Reflow Temperature During Reflow(3)(5) description.
• Added note (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com