Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E625ACEK Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MM908E625ACEK
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E625ACEK Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MM908E625ACEK Datasheet HTML 35Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 36Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 37Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 38Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 39Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 40Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 41Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 42Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
908E625
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Overtemperature Status Bit (HTF)
This read-only bit is a copy of the HTF bit in the Interrupt
Flag Register.
• 1 = Overtemperature condition has occurred
• 0 = No overtemperature condition has occurred
AUTONOMOUS WATCHDOG (AWD)
The Autonomous Watchdog module consists of three
functions:
• Watchdog function for the CPU in RUN mode
• Periodic interrupt function in STOP mode
• Cyclic wake-up function in STOP mode
The AWD is enabled if AWDIE, AWDRE, or AWDCC in the
AWDCTL Register is set. If these bits are cleared, the AWD
oscillator is disabled and the watchdog switched off.
WATCHDOG
The watchdog function is only available in RUN mode. On
setting the AWDRE bit, watchdog functionality in RUN mode
is activated. Once this function is enabled, it is not possible to
disable it via software.
If the timer reaches end value and AWDRE is set, a
system reset is initiated. Operations of the watchdog function
cease in STOP mode. Normal operation will be continued
when the system is back to RUN mode.
To prevent a watchdog reset, the watchdog timeout
counter must be reset before it reaches the end value. This is
done by a write to the AWDRST bit in the AWDCTL Register.
PERIODIC INTERRUPT
Periodic interrupt is only available in STOP mode. It is
enabled by setting the AWDIE bit in the AWDCTL Register. If
AWDIE is set, the AWD wakes up the system after a fixed
period of time. This time period can be selected with bit
AWDR in the AWDCTL Register.
CYCLIC WAKE-UP
The cyclic wake-up feature is only available in STOP
mode. If this feature is enabled, the selected Hall-effect
sensor input pins are switched on and sensed. If a “1” is
detected on one of these inputs and the interrupt for the Hall-
effect sensors is enabled, a system wake-up is performed.
(Switch on main voltage regulator and assert IRQ_A to the
microcontroller).
AUTONOMOUS WATCHDOG CONTROL
REGISTER (AWDCTL)
Autonomous Watchdog Reset Bit (AWDRST)
This write-only bit resets the Autonomous Watchdog
timeout period. AWDRST always reads 0. Reset clears
AWDRST bit.
• 1 = Reset AWD and restart timeout period
• 0 = No effect
Autonomous Watchdog Reset Enable Bit (AWDRE)
This read/write bit enables resets on AWD time-outs. A
reset on the RST_A is only asserted when the device is in
RUN mode. AWDRE is one-time setable (write once) after
each reset. Reset clears the AWDRE bit.
• 1 = Autonomous watchdog enabled
• 0 = Autonomous watchdog disabled
Autonomous Watchdog Interrupt Enable Bit (AWDIE)
This read/write bit enables CPU interrupts by the
Autonomous Watchdog timeout flag, AWFD. IRQ_A is only
asserted when the device is in STOP mode. Reset clears the
AWDIE bit.
• 1 = CPU interrupt requests from AWDF enabled
• 0 = CPU interrupt requests from AWDF disabled
Autonomous Watchdog Cyclic Check (AWDCC)
This read/write bit enables the cyclic check of the two-pin
Hall-effect sensor and the analog inputs. Reset clears the
AWDCC bit.
• 1 = Cyclic check of the Hall-effect sensor and analog
port
• 0 = No cyclic check of the Hall-effect sensor and analog
port
Autonomous Watchdog Timeout Flag Bit (AWDF)
This read/write flag is set when the Autonomous
Watchdog has timed out. Clear AWDF by writing a Logic [1]
to AWDF. Clearing AWDF also resets the AWD counter and
starts a new timeout period. Reset clears the AWDF bit.
Writing a Logic [0] to AWDF has no effect.
• 1 = AWD has timed out
• 0 = AWD has not yet timed out
Register Name and Address: AWDCTL - $0a
Bits
7
6
5
4
3
2
1
0
Read
00
0
AWDR
E
AWDI
E
AWDC
C
AWDF
AWD
R
Write
AWDRS
T
Reset
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com