Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E625ACEK Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MM908E625ACEK
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E625ACEK Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MM908E625ACEK Datasheet HTML 1Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 2Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Document Number: MM908E625
Rev 7.0, 9/2010
Freescale Semiconductor
Advance Information
* This document contains information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Integrated Quad Half H-Bridge
with Power Supply, Embedded
MCU, and LIN Serial
Communication
The 908E625 is an integrated single-package solution including a
high-performance HC08 microcontroller with a SMARTMOSTM analog
control IC. The HC08 includes Flash Memory, a timer, Enhanced
Serial Communications Interface (ESCI), an Analog-to-Digital
Converter (ADC), Serial Peripheral Interface (SPI) (only internal), and
an Internal Clock Generator (ICG) module. The analog control die
provides fully protected H-Bridge/high-side outputs, voltage regulator,
autonomous watchdog with cyclic wake-up, and Local Interconnect
Network (LIN) physical layer.
The single-package solution, together with LIN, provides optimal
application performance adjustments and space-saving PCB design.
It is well suited for the control of automotive mirror, door lock, and
light-levelling applications.
Features
• High-Performance M68HC908EY16 Core
• 16K Bytes of On-Chip Flash Memory & 512 Bytes of RAM
• Internal Clock Generation Module
• Two 16-bit, 2-Channel Timers
• 10-Bit Analog-to-Digital Converter
• LIN Physical Layer
• Autonomous Watchdog with Cyclic Wake-up
• Three Two-Pin Hall-Effect Sensor Input Ports
• One Analog Input with Switchable Current Source
• Four Low RDS(ON) Half-Bridge Outputs
• One Low RDS(ON) High-Side Output
• 13 Micro Controller I/Os
• Pb-free packaging designated by suffix code EK
Figure 1. 908E625 Simplified Application Diagram
H-BRIDGE POWER SUPPLY WITH
EMBEDDED MCU AND LIN
908E625
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MM908E625ACDWB
-40°C to 85°C
54 SOICW
EP
MM908E625ACEK
DWB SUFFIX
EK SUFFIX (Pb-FREE)
98ARL105910
54-PIN SOICWB-EP
VSS
EVSS
VSSA
VREFL
VDD
EVDD
VDDA
VREFH
LIN
M
M
M
FGEN
PTD1/TACH1
PTE1/RXD
RXD
PTD0/TACH0/BEMF
PTB1/AD1
BEMF
SS
IRQ_A
RST_A
IRQ
RST
Port C I/Os
Port B I/Os
Port A I/Os
PA1
H3
H2
H1
HVDD
HS
HB4
HB3
HB2
HB1
EP
908E625
4 Half-Bridges
Controlling
3 Loads
High-Side
Output
Switchable Internal
VDD Output
Analog Input with
Current Source
Microcontroller
Ports
Three
2-Terminal Hall-Effect
Sensor Inputs
3
2
VSUP
GND


Similar Part No. - MM908E625ACEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E625ACEK FREESCALE-MM908E625ACEK Datasheet
754Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results

Similar Description - MM908E625ACEK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626 Datasheet
678Kb / 38P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com