Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E625ACEK Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MM908E625ACEK
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E625ACEK Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MM908E625ACEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 13Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 14Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 15Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 16Page - Freescale Semiconductor, Inc MM908E625ACEK Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
908E625
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
Figure 6. Free Wheel Diode Forward Voltage vs. ILOAD
Figure 7. Dropout Voltage on HVDD vs. ILOAD
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ILOAD (A)
H-Bridge Low Side
TJ = 25°C
0
50
100
150
200
250
0
5
10
15
20
25
ILoad (mA)
TA = 125°C
TA = 25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com