Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604B Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5604B Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5604B Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
78
tADC_S CC T Sample time
5
fADC = 32 MHz,
INPSAMP = 17
0.5
µs
fADC = 6 MHz,
INPSAMP = 255
——
42
tADC_C CC P Conversion time
6
fADC = 32 MHz,
INPCMP = 2
0.625
µs
CS
CC D ADC input sampling
capacitance
——
3
pF
CP1
CC D ADC input pin
capacitance 1
——
3
pF
CP2
CC D ADC input pin
capacitance 2
——
1
pF
CP3
CC D ADC input pin
capacitance 3
——
1
pF
RSW1
CC D Internal resistance of
analog source
——
3
k
RSW2
CC D Internal resistance of
analog source
2
k
RAD
CC D Internal resistance of
analog source
——
2
k
IINJ
SR — Input current Injection Current
injection on one
ADC input,
different from
the converted
one
VDD =
3.3 V ± 10%
5—
5
mA
VDD =
5.0 V ± 10%
5
5
| INL |
CC T Absolute value for
integral non-linearity
No overload
0.5
1.5
LSB
| DNL | CC T Absolute differential
non-linearity
No overload
0.5
1.0
LSB
| OFS | CC T Absolute offset error
0.5
LSB
| GNE | CC T Absolute gain error
——
0.6
LSB
TUEp
CC P Total unadjusted error7
for precise channels,
input only pins
Without current injection
2
0.6
2
LSB
T
With current injection
3
3
TUEx
CC T Total unadjusted error7
for extended channel
Without current injection
3
1
3
LSB
T
With current injection
4
4
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS must be common (to be tied together externally).
3 V
AINx may exceed VSS_ADC and VDD_ADC limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0x3FF.
Table 40. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com