Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX829 Datasheet(PDF) 15 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 11Page - CML Microcircuits FX829 Datasheet HTML 12Page - CML Microcircuits FX829 Datasheet HTML 13Page - CML Microcircuits FX829 Datasheet HTML 14Page - CML Microcircuits FX829 Datasheet HTML 15Page - CML Microcircuits FX829 Datasheet HTML 16Page - CML Microcircuits FX829 Datasheet HTML 17Page - CML Microcircuits FX829 Datasheet HTML 18Page - CML Microcircuits FX829 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
15
D/829/4
TXIDLEM
(Bit 5)
When this bit is "1", the TXIDLE interrupt will be gated out to the IRQN pin.
When this bit is "0", the TXIDLE interrupt will be inhibited. This bit has no effect on
the contents of the STATUS register.
RXDATAM
(Bit 4)
When this bit is "1", the RXDATA interrupt will be gated out to the IRQN pin.
When this bit is "0", the RXDATA interrupt will be inhibited. This bit has no effect
on the contents of the STATUS register.
TXDATAM
(Bit 3)
When this bit is "1", the TXDATA interrupt will be gated out to the IRQN pin.
When this bit is "0", the TXDATA interrupt will be inhibited. This bit has no effect
on the contents of the STATUS register.
RX SYNC
WORD PRIME
(Bit 2)
When this bit is set to "1", it enables the RX SYNC WORD detection.
It is cleared/disabled when a SYNC, SYNT, or RX SYNC WORD is detected.
It may also be cleared/disabled by writing "0" directly to this bit.
SYNT PRIME
(Bit 1)
When this bit is set to "1", it enables the SYNT detection.
It is cleared/disabled when a SYNC, SYNT, or RX SYNC WORD is detected.
It may also be cleared/disabled by writing "0" directly to this bit.
SYNC PRIME
(Bit 0)
When this bit is set to "1", it enables the SYNC detection.
It is cleared/disabled when a SYNC, SYNT, or RX SYNC WORD is detected.
It may also be cleared/disabled by writing "0" directly to this bit.
TXDATA Register (Hex Address $43)
This is the Tx data output register. It is double buffered, thus giving the user up to 8 bit periods to load in the
next 8 bits. FFSK data is transmitted immediately it is loaded if the transmitter is idle. Data is transmitted in 8-
bit bytes, bit 7 (MSB) will be transmitted first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com