Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FX829D2 Datasheet(PDF) 27 Page - CML Microcircuits

Part # FX829D2
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829D2 Datasheet(HTML) 27 Page - CML Microcircuits

Back Button FX829D2 Datasheet HTML 23Page - CML Microcircuits FX829D2 Datasheet HTML 24Page - CML Microcircuits FX829D2 Datasheet HTML 25Page - CML Microcircuits FX829D2 Datasheet HTML 26Page - CML Microcircuits FX829D2 Datasheet HTML 27Page - CML Microcircuits FX829D2 Datasheet HTML 28Page - CML Microcircuits FX829D2 Datasheet HTML 29Page - CML Microcircuits FX829D2 Datasheet HTML 30Page - CML Microcircuits FX829D2 Datasheet HTML 31Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
27
D/829/4
Notes
Min.
Typ.
Max.
Units
Amp 1 and Amp 2
Open Loop Gain
(I/P = 1mV at 100Hz)
-
70
-
dB
Unity Gain Bandwidth
-
5.0
-
MHz
Input Impedance
(at 100Hz)
10
-
-
M
Output Impedance
(Open Loop)
-
6.0
-
k
(Closed Loop)
-
600
-
Distortion (DTMF)
-
2
5
%
FFSK/DTMF TX OUT
Tx O/P impedance (not powersaved)
3
1.0
2.5
k
Tx O/P impedance (powersaved)
3
300
500
-
k
Signal Level (FFSK)
1
-1
0
+1
dB
Signal Level (DTMF High Tone)
1
-
+2.0
-
dB
Signal Level (DTMF Low Tone)
1
-
0
-
dB
Distortion (DTMF)
-
2
5
%
FFSK TX OUT
Isochronous Distortion:
(1200Hz - 1800Hz)
25
40
µs
(1800Hz - 1200Hz)
25
40
µs
(1200Hz - 2400Hz)
20
30
µs
(2400Hz - 1200Hz)
20
30
µs
Third Harmonic Distortion
2
3
%
Deviation Limiter
Threshold
1
-
1300
-
mVpk-pk
Gain
-0.5
-
0.5
dB
Transmitter Modulator Drives
Input Impedance
(MOD1 IN, VOLUME IN)
(at 100Hz)
-
15.0
-
k
Mod.1 Attenuator
Nominal Adjustment Range
0
12.0
dB
Attenuation Accuracy
-1.0
-
1.0
dB
Step Size
0.2
0.4
0.6
dB
Output Impedance
3
-
600
-
Mod.2 Attenuator
Nominal Adjustment Range
0
6.0
dB
Attenuation Accuracy
-0.6
-
0.6
dB
Step Size
0.1
0.2
0.3
dB
Output Impedance
3
-
600
-
Audio Output Attenuator
Nominal Adjustment Range
0
48.0
dB
Attenuation Accuracy
-1.5
-
1.5
dB
Step Size
-
1.6
-
dB
Output Impedance
3
-
600
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com