Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4808B-2 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4808B-2
Description  High Performance Dual Ended PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808B-2 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4808B-2 Datasheet HTML 1Page - Semtech Corporation SC4808B-2 Datasheet HTML 2Page - Semtech Corporation SC4808B-2 Datasheet HTML 3Page - Semtech Corporation SC4808B-2 Datasheet HTML 4Page - Semtech Corporation SC4808B-2 Datasheet HTML 5Page - Semtech Corporation SC4808B-2 Datasheet HTML 6Page - Semtech Corporation SC4808B-2 Datasheet HTML 7Page - Semtech Corporation SC4808B-2 Datasheet HTML 8Page - Semtech Corporation SC4808B-2 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
© 2009 Semtech Corp.
www.semtech.com
SC4808B-2
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
PWM
Maximum Duty Cycle
Fosc = 50kHz, FB = 5V,
Measured at OUTA or OUTB
48
49
50
%
Minimum Duty Cycle
Fosc = 50kHz, FB = 1.5V,
Measured at OUTA or OUTB
0
%
Current Sense
Gain
3
Maximum Input Signal
475
525
575
mV
CS to Output Delay
100
ns
Over Current Threshold
.850
.950
1
V
Internal Slope Compensation Resistor
25
k
Ω
FB to CS Offset
1.30
1.50
1.70
V
Output
OUT Low Level
0
.50
.70
V
OUT High Level
11.0
11.25
12.00
V
Rise Time
25
ns
Fall Time
25
ns
Parameter
Symbol
Maximum
Units
Supply Voltage
V
CC
-0.5 to18
V
Supply Current
I
CC
20
mA
SYNC, RC,CS, LUVLO, REF to GND
-0.5 to 7
V
FB to GND
V
FB
-0.5 to (V
REF
+ 0.5)
V
REF Current
I
REF
10
mA
OUTA/OUTB to GND
V
OUTA/B
-0.5 to 18
V
OUTA/OUTB Source Current (peak)
I
source
-250
mA
OUTA/OUTB Sink Current (peak)
I
sink
250
mA
Power Dissipation at T
A
= 25°C
P
D
1.105
W
Thermal Resistance
θ
JA
113.1
°C/W
Junction Temperature
T
J
-40 to 150
°C
Storage Temperature Range
T
STG
-65 to 150
°C
Lead Temperature (Soldering) 10 Sec.
T
LEAD
+300
°C
ESD Rating (Human Body Model)
V
ESD
2
kV
Unless specified: VCC = 12V; CL = 100pF; T
A = -40°C to 105°C
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com