Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6460 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 48Page - STMicroelectronics L6460 Datasheet HTML 49Page - STMicroelectronics L6460 Datasheet HTML 50Page - STMicroelectronics L6460 Datasheet HTML 51Page - STMicroelectronics L6460 Datasheet HTML 52Page - STMicroelectronics L6460 Datasheet HTML 53Page - STMicroelectronics L6460 Datasheet HTML 54Page - STMicroelectronics L6460 Datasheet HTML 55Page - STMicroelectronics L6460 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 139 page
background image
Switching regulator controller
L6460
52/139
Doc ID 17713 Rev 1
13
Switching regulator controller
This circuit controls an external FET to implement a switching buck regulator using a non
linear pulse skipping control with internally generated PWM signal.
The output voltage will be externally set by a divider network connected on feedback pin. To
reduce as much as possible the regulation voltage error L6460 has the possibility to switch
between four regulator feedback voltage references (and, as a consequence, four under-
voltage thresholds) using serial interface. The feedback reference voltage is selected by
writing the SelFBRef bits in the SwCtrCfg.
This regulator is switched off when L6460 is powered up for the first time and can be
enabled using L6460’s SPI interface.
Here after are summarized the main features of the regulator:
Soft start circuitry to limit inrush current flow from primary supply.
Changeable feedback reference voltage
Internally generated PWM (250 kHz switching frequency).
Nonlinear pulse skipping control.
Protected against load short circuit.
Cycle by cycle current limiting using internal current sensor.
Under voltage signal (both continuous and latched) accessible through SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com