Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 32Page - Renesas Technology Corp R8C Datasheet HTML 33Page - Renesas Technology Corp R8C Datasheet HTML 34Page - Renesas Technology Corp R8C Datasheet HTML 35Page - Renesas Technology Corp R8C Datasheet HTML 36Page - Renesas Technology Corp R8C Datasheet HTML 37Page - Renesas Technology Corp R8C Datasheet HTML 38Page - Renesas Technology Corp R8C Datasheet HTML 39Page - Renesas Technology Corp R8C Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group 4. Special Function Registers (SFRs)
R01DS0011EJ0100 Rev.1.00
Page 36 of 102
Dec 21, 2010
X: Undefined
Note:
1. Blank spaces are reserved. No access is allowed.
Table 4.4
SFR Information for R8C/LA5A Group (4) (1)
Address
Register
Symbol
After Reset
00C0h
A/D Register 0
AD0
XXh
00C1h
000000XXb
00C2h
A/D Register 1
AD1
XXh
00C3h
000000XXb
00C4h
A/D Register 2
AD2
XXh
00C5h
000000XXb
00C6h
A/D Register 3
AD3
XXh
00C7h
000000XXb
00C8h
A/D Register 4
AD4
XXh
00C9h
000000XXb
00CAh
A/D Register 5
AD5
XXh
00CBh
000000XXb
00CCh
A/D Register 6
AD6
XXh
00CDh
000000XXb
00CEh
A/D Register 7
AD7
XXh
00CFh
000000XXb
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Mode Register
ADMOD
00h
00D5h
A/D Input Select Register
ADINSEL
11000000b
00D6h
A/D Control Register 0
ADCON0
00h
00D7h
A/D Control Register 1
ADCON1
00h
00D8h
00D9h
00DAh
00DBh
00DCh
00DDh
A/D Control Register 2
ADCON2
00h
00DEh
00DFh
00E0h
Port P0 Register
P0
XXh
00E1h
00E2h
Port P0 Direction Register
PD0
00h
00E3h
00E4h
Port P2 Register
P2
XXh
00E5h
Port P3 Register
P3
XXh
00E6h
Port P2 Direction Register
PD2
00h
00E7h
Port P3 Direction Register
PD3
00h
00E8h
00E9h
Port P5 Register
P5
XXh
00EAh
00EBh
Port P5 Direction Register
PD5
00h
00ECh
00EDh
Port P7 Register
P7
XXh
00EEh
00EFh
Port P7 Direction Register
PD7
00h
00F0h
Port P8 Register
P8
XXh
00F1h
Port P9 Register
P9
XXh
00F2h
Port P8 Direction Register
PD8
00h
00F3h
Port P9 Direction Register
PD9
00h
00F4h
00F5h
00F6h
00F7h
00F8h
00F9h
00FAh
00FBh
00FCh
00FDh
00FEh
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com