Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 57Page - Renesas Technology Corp R8C Datasheet HTML 58Page - Renesas Technology Corp R8C Datasheet HTML 59Page - Renesas Technology Corp R8C Datasheet HTML 60Page - Renesas Technology Corp R8C Datasheet HTML 61Page - Renesas Technology Corp R8C Datasheet HTML 62Page - Renesas Technology Corp R8C Datasheet HTML 63Page - Renesas Technology Corp R8C Datasheet HTML 64Page - Renesas Technology Corp R8C Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 61 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
Note:
1.
This enables the setting errors of bit rates such as 9600 bps and 38400 bps to be 0% when the serial interface is used in
UART mode.
Note:
1.
Waiting time until the internal power supply generation circuit stabilizes during power-on.
Table 5.13
High-speed On-Chip Oscillator Circuit Characteristics
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
–
High-speed on-chip oscillator frequency after
reset
VCC = 1.8 V to 5.5 V
− 20 °C ≤ Topr ≤ 85 °C
19.2
20
20.8
MHz
VCC = 1.8 V to 5.5 V
− 40 °C ≤ Topr ≤ 85 °C
19.0
20
21.0
MHz
High-speed on-chip oscillator frequency when
the FRA4 register correction value is written into
the FRA1 register and the FRA5 register
correction value into the FRA3 register (1)
VCC = 1.8 V to 5.5 V
− 20 °C ≤ Topr ≤ 85 °C
17.694
18.432
19.169
MHz
VCC = 1.8 V to 5.5 V
− 40 °C ≤ Topr ≤ 85 °C
17.510
18.432
19.353
MHz
–
Oscillation stability time
–
5
30
µs
–
Self power consumption at oscillation
VCC = 5.0 V, Topr = 25
°C
–
530
–
µA
Table 5.14
Low-speed On-Chip Oscillator Circuit Characteristics
(VCC = 1.8 to 5.5 V and Topr =
−20 to 85 °C (N version)/ −40 to 85 °C (D version), unless
otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO-S
Low-speed on-chip oscillator frequency
60
125
250
kHz
–
Oscillation stability time
–
–
35
µs
–
Self power consumption at oscillation
VCC = 5.0 V, Topr = 25
°C–
2
–
µA
fOCO-WDT
Low-speed on-chip oscillator frequency for the
watchdog timer
60
125
250
kHz
–
Oscillation stability time
–
–
35
µs
–
Self power consumption at oscillation
VCC = 5.0 V, Topr = 25
°C–
2
–
µA
Table 5.15
Power Supply Circuit Characteristics
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr = 25
°C, unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for internal power supply stabilization during
power-on (1)
–
–
2000
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com