Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 82Page - Renesas Technology Corp R8C Datasheet HTML 83Page - Renesas Technology Corp R8C Datasheet HTML 84Page - Renesas Technology Corp R8C Datasheet HTML 85Page - Renesas Technology Corp R8C Datasheet HTML 86Page - Renesas Technology Corp R8C Datasheet HTML 87Page - Renesas Technology Corp R8C Datasheet HTML 88Page - Renesas Technology Corp R8C Datasheet HTML 89Page - Renesas Technology Corp R8C Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 86 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
5. Electrical Characteristics
5.2.4
DC Characteristics
Note:
1.
This applies when the drive capacity of the output transistor is set to High by registers P7DRR and P8DRR. When the drive
capacity is set to Low, the value of any other pin applies.
Table 5.47
DC Characteristics (1) [4.0 V
≤ Vcc ≤ 5.5 V]
(Topr =
−20 to 85°C (N version)/ −40 to 85°C (D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage
Port P7_0, P7_1, P8 (1)
VCC = 5V IOH =
−20 mA VCC − 2.0
–
VCC
V
Other pins
VCC = 5V IOH =
−5 mA
VCC
− 2.0
–
VCC
V
VOL
Output “L” voltage
Port P7_0, P7_1, P8 (1)
VCC = 5V IOL = 20 mA
–
–
2.0
V
Other pins
VCC = 5V IOL = 5 mA
–
–
2.0
V
VT+-VT-
Hysteresis INT0, INT1, INT2,
INT3, INT4, INT5,
INT6, INT7,
KI0, KI1, KI2, KI3,
KI4, KI5, KI6, KI7,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRJ0IO, TRJ1IO,
TRJ2IO, TRCTRG,
TRCCLK, ADTRG,
RXD0, RXD2, CLK0,
CLK2, SSI, SCL,
SDA, SSO
0.05
0.5
–
V
RESET, WKUP0
0.1
0.8
–
V
IIH
Input “H” current
VI = 5 V, VCC = 5 V
–
–
5.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 5 V
–
–
−5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 5 V
20
40
80
k
Ω
RfXIN
Feedback
resistance
XIN
–2.0
–
M
Ω
RfXCIN
Feedback
resistance
XCIN
–14
–
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com