Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8C Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R8C
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R8C Datasheet HTML 97Page - Renesas Technology Corp R8C Datasheet HTML 98Page - Renesas Technology Corp R8C Datasheet HTML 99Page - Renesas Technology Corp R8C Datasheet HTML 100Page - Renesas Technology Corp R8C Datasheet HTML 101Page - Renesas Technology Corp R8C Datasheet HTML 102Page - Renesas Technology Corp R8C Datasheet HTML 103Page - Renesas Technology Corp R8C Datasheet HTML 104Page - Renesas Technology Corp R8C Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 106 page
background image
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
Package Dimensions
R01DS0011EJ0100 Rev.1.00
Page 101 of 102
Dec 21, 2010
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
*3
116
17
32
33
48
49
64
F
*1
x
Index mark
D
HD
e
bp
ZD
Detail F
L
L1
Previous Code
JEITA Package Code
RENESAS Code
PLQP0064GA-A
64P6U-A/
MASS[Typ.]
0.7g
P-LQFP64-14x14-0.80
1.0
0.125
0.35
1.0
1.0
0.20
0.20
0.145
0.09
0.42
0.37
0.32
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14.1
14.0
13.9
D
14.1
14.0
13.9
E
1.4
A2
16.2
16.0
15.8
16.2
16.0
15.8
1.7
A
0.2
0.1
0
0.7
0.5
0.3
L
x
8°
0°
c
0.8
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
y
S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com