Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5304-RGYMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5304-RGYMT
Description  Single 150mA Low Operating Current LDO with Dual Voltage Pin Select
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5304-RGYMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5304-RGYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5304
Single 150mA Low Operating Current
LDO with Dual Voltage Pin Select
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2008
M9999-111908-A
General Description
The MIC5304 is a low quiescent current, low dropout
regulator with selectable output voltage designed for
applications that require two levels of output voltage
regulation. The MIC5304 is an ideal solution for
programming memory cards as well as for conserving
power in portable applications. The MIC5304 is capable of
sourcing 150mA of output current while only consuming
24µA of operating current. This high performance LDO
offers fast transient response while still maintaining low
quiescent current levels.
The MIC5304 is an ideal solution for battery operated
applications due to ultra low operating current and
extremely low dropout voltage of 85mV at 150mA.
Equipped with a TTL logic compatible enable pin, the
MIC5304 can be put into a zero-off mode current state,
drawing virtually no current when disabled.
Board space and component cost is minimized because
the MIC5304 operates with very small 1μF ceramic
capacitors. The MIC5304 provides fixed output voltages,
and is available in the tiny 1.6mm x 1.6mm Thin MLF
®
package ideal for portable electronics.
MIC5304 also features thermal shutdown and current limit
protection.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 150mA output current
• Logic controlled selectable output voltage
• Fast transition time between selected output voltages
• Input voltage range: 2.3V to 5.5V
• Low 24µA operating current
• Stable with 1μF ceramic capacitors
• Low dropout voltage of 85mV @ 150mA
• Thermal shutdown and current limit protection
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® package
Applications
• Mobile phones, PDAs, PMPs, PNDs
• Digital still and video cameras
• Dual voltage levels for power saving mode
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
MIC5304-RGYMT
VIN
VEN
VSEL
1µF
3.2V/1.8V
1µF
VOUT
GND
Selectable Output Voltage LDO Application


Similar Part No. - MIC5304-RGYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5301-1.3YD5 MICREL-MIC5301-1.3YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.3YMT MICREL-MIC5301-1.3YMT Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.5YD5 MICREL-MIC5301-1.5YD5 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5301-1.5YMT MICREL-MIC5301-1.5YMT Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
More results

Similar Description - MIC5304-RGYMT

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1182K121B RICOH-R1182K121B Datasheet
975Kb / 23P
Low Voltage 150mA LDO REGULATOR
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5326 MICREL-MIC5326 Datasheet
281Kb / 10P
150mA Low Operating Current LDO
MIC5315 MICREL-MIC5315 Datasheet
338Kb / 13P
Low Voltage Dual 300mA LDO with Voltage Select
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com