Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5304-RGYMT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5304-RGYMT
Description  Single 150mA Low Operating Current LDO with Dual Voltage Pin Select
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5304-RGYMT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5304-RGYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 9Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 10Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 11Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5304
November 2008
10
M9999-111908-A
VIN
VOUT
J4
VOUT
IN
1
GND
2
VSEL
3
VOUT
6
EN
4
NC
5
U1
MIC5304-xxYMT
J5
GND
J6
EN
C1
1µF/6.3V
J1
VIN
J2
GND
J3
VSEL
C2
1µF/6.3V
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
C1608X5R1A105K
TDK
(1)
Capacitor, 1µF, 6.3V, X5R, Size 0603
2
U1
MIC5304-xxYMT
Micrel, Inc.
(2)
150mA LDO with Selectable Output Voltage
1
Notes:
1. TDK : www.tdk.com
2. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com