Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC5304-RGYMT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5304-RGYMT
Description  Single 150mA Low Operating Current LDO with Dual Voltage Pin Select
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5304-RGYMT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5304-RGYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5304-RGYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5304
November 2008
2
M9999-111908-A
Ordering Information
Part Number
Marking
(1)
Voltage
(2)
VSEL=High
Voltage
(2)
VSEL=Low
Temperature
Range
Package
(3)
MIC5304-RGYMT
RQZ
3.2V
1.8V
–40° to +125°C
6-Pin 1.6mm x1.6mm Thin MLF
®
MIC5304-XDYMT
XQD
3.15V
1.85V
–40° to +125°C
6-Pin 1.6mm x1.6mm Thin MLF
®
MIC5304-XGHYMT
XGH
3.15V
1.875V
–40° to +125°C
6-Pin 1.6mm x1.6mm Thin MLF
®
Note:
1.
Pin 1 identifier = ▲
2.
For other voltage options contact Micrel Marketing for details.
3.
MLF is GREEN RoHs compliant package. Lead finish is NiPdAu, Hold compound is Hydrogen Free.
Pin Configuration
1
VIN
GND
VSEL
6
VOUT
NC
EN
5
4
2
3
6-Pin 1.6mm x 1.6mm Thin MLF
® (MT)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
VSEL
Voltage Select Input. Logic high = higher output voltage; Logic low = lower
output voltage. Do not leave floating.
4
EN
Enable Input: Active High Input. Logic High = On; Logic Low = Off. Do not leave
floating.
5
NC
Not internally connected.
6
VOUT
Output Voltage.
HS Pad
E PAD
Exposed heatsink pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com