Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX1240 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX1240
Description  Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1240 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX1240 Datasheet HTML 4Page - Semtech Corporation SX1240 Datasheet HTML 5Page - Semtech Corporation SX1240 Datasheet HTML 6Page - Semtech Corporation SX1240 Datasheet HTML 7Page - Semtech Corporation SX1240 Datasheet HTML 8Page - Semtech Corporation SX1240 Datasheet HTML 9Page - Semtech Corporation SX1240 Datasheet HTML 10Page - Semtech Corporation SX1240 Datasheet HTML 11Page - Semtech Corporation SX1240 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SX1240, Rev 1, Oct 2010
©2010 Semtech Corp.
SX1240
www.semtech.com
Page 8
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3. Application Modes
The SX1240 has two application modes. These are selected depending upon the load presented to the Control pin (6) at
power-on of the device, as shown on Figure 3. By connecting the Control pin to logical ‘0’ or ‘1’ the Power & Go mode is
selected. A full description of operation in this mode is given in Section 3.1. By presenting a logical zero to the Control
input, Advanced Mode can be accessed by subsequent clocking of the control pin, in conjunction with the Data pin (2)
permits programming of the SX1240 configuration register and manual control of the transmitter. For more information on
Advanced Mode operation please consult Section 3.2. The diagram below summarises the mode selection process.
Figure 3. SX1240 Mode Selection
Table 6
Control Pin Selection of the Application Mode
CTRL Pin (6)
Application Mode
Logic ‘1’ or ‘0’
Power & Go Mode (see Section 3.1)
Logic ‘0’ then Clock on CTRL
Advanced Mode (see Section 3.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com