Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX1240 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX1240
Description  Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1240 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX1240 Datasheet HTML 5Page - Semtech Corporation SX1240 Datasheet HTML 6Page - Semtech Corporation SX1240 Datasheet HTML 7Page - Semtech Corporation SX1240 Datasheet HTML 8Page - Semtech Corporation SX1240 Datasheet HTML 9Page - Semtech Corporation SX1240 Datasheet HTML 10Page - Semtech Corporation SX1240 Datasheet HTML 11Page - Semtech Corporation SX1240 Datasheet HTML 12Page - Semtech Corporation SX1240 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SX1240, Rev 1, Oct 2010
©2010 Semtech Corp.
SX1240
www.semtech.com
Page 9
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3.1. Application Mode: Power & Go
3.1.1. ‘Power & Go’ Mode: Configuration
The default Power & Go application mode sees the SX1240 configured as detailed in the following table. By changing the
logical state of the control pin (6) at power-up, one of a pair of default configuration modes can be selected. The Power &
Go application mode hence permits microcontroller-less operation. By simply powering the transmitter application circuit,
the SX1240 is pre-configured as either a 434 MHz OOK transmitter or an 868 MHz FSK transmitter. For appropriate
matching circuits please see Section 5.
Table 7
Configuration and Band Selection in Power & Go Application Mode
3.1.2. Transmitter Operation in ‘Power & Go’ Mode
The timing of a typical transmit operation in Power & Go mode is shown in Figure 4. Here we see that a rising edge on the
DATA pin activates the transmitter start-up process. DATA must then be held high for the start-up time (TS_TR) of the
SX1240. During this time the SX1240 undergoes an optimized, self-calibrating, trajectory from sleep mode to transmit
mode. Once this time has elapsed, the SX1240 is ready to transmit. Any logical signal subsequently applied to the DATA
pin is then transmitted.
Figure 4. ‘Power & Go’ Mode: Transmitter Timing Operation
The transition back to sleep mode is managed automatically. In 868 MHz FSK modulation mode, after 2 ms of inactivity on
the DATA line, the SX1240 returns to sleep mode. If in 434 MHz, OOK modulation mode, the SX1240 waits for 20 ms of
inactivity before returning to sleep mode.
CTRL (Pin 6)
Configuration
‘High’
OOK 433.92 MHz, 10 dBm
‘Low’
FSK 868.3 MHz, Fdev = 20 kHz, 10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com