Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX1240 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1240
Description  Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1240 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1240 Datasheet HTML 6Page - Semtech Corporation SX1240 Datasheet HTML 7Page - Semtech Corporation SX1240 Datasheet HTML 8Page - Semtech Corporation SX1240 Datasheet HTML 9Page - Semtech Corporation SX1240 Datasheet HTML 10Page - Semtech Corporation SX1240 Datasheet HTML 11Page - Semtech Corporation SX1240 Datasheet HTML 12Page - Semtech Corporation SX1240 Datasheet HTML 13Page - Semtech Corporation SX1240 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SX1240, Rev 1, Oct 2010
©2010 Semtech Corp.
SX1240
www.semtech.com
Page 10
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
3.2. Application Mode: Advanced
3.2.1. Advanced Mode: Configuration
Advanced mode can be accessed as described on Figure 3. Programming is performed via a two wire interface (TWI)
formed by CTRL and DATA pins.
Programming of the configuration register is triggered by a rising edge on the CTRL line. Upon detection of this rising edge,
the data applied to the DATA pin is accepted as register configuration information, the data bits are clocked on subsequent
rising edges of the clocking signal applied to the CTRL pin. The first bit of serial data selects register read or write operation
(Read = ‘high’ and Write = ‘low’). The timing for SX1240 configuration register ‘write’ is shown in Figure 5. Note that, once
triggered, all 13 data bits must be written to the SX1240.
The contents of the configuration register and the role of each bit therein is described in Table 8 of Section 4.
Figure 5. TWI Configuration Register ‘Write’.
Similarly, the configuration register may be read using the timing of Figure 6.
Figure 6. TWI Configuration Register ‘Read’.
Notes - Logic level ‘0’ on DATA during the first rising edge on CTRL is required to start the TWI access
- Reading only the 13 configuration bits D0 to D12 is not allowed on the SX1240. In Read access, 64 clock cycles
on CTRL pin must be issued, shifting out on pin DATA the 13 configuration bits (D0 to D12), plus 43 internal test
bits (T0 to T42). Read access should be used when developing the device firmware, but is not intended for use in
the normal operation mode.
- During the register ‘write’ or ‘read’ phases the SX1240 remains in sleep mode.
DATA
D12
D11
D10
D9
D7
D8
D6
D5
D4
D3
D1
D0
D2
‘0’
‘0’
ACC
R/W
CTRL
‘0’
CTRL
DATA
‘0’
‘0’
‘0’
‘0’
‘0’
D12
D11
D10
D1
D0
‘1’
‘0’
ACC
R/W
T42
T41
T1
T0
‘0’
DATA pin is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com