Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT16X2TX Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16X2TX
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16X2TX Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16X2TX Datasheet HTML 1Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 2Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 3Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 4Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 5Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 6Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 7Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 8Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 1.00
�an�a�� ��� �011
Rev. 1.00
3
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Pin Assignment
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D3
D4
D5
D6
D7
D8
D9
XOUT
XIN
DOUT
D2
D1
D0
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16A2Tx
20SSOP
4-Address
10-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D1
D2
D3
D4
D5
D6
D7
XOUT
XIN
DOUT
D0
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16C2Tx
20SSOP
6-Address
8-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A7
D0
D1
D2
D3
D4
D5
XOUT
XIN
DOUT
A6
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16E2Tx
20SSOP
8-Address
6-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A7
A8
A9
D0
D1
D2
D3
XOUT
XIN
DOUT
A6
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16G2Tx
20SSOP
10-Address
4-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D3
D4
D5
D6
D7
B0
B1
XOUT
XIN
DOUT
D2
D1
D0
A3
A2
A1
A0
VDD
VSS
PAOUT
HT12A2Tx
4-Address
8-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D1
D2
D3
D4
D5
B0
B1
XOUT
XIN
DOUT
D0
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT12C2Tx
6-Address
6-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A7
D0
D1
D2
D3
B0
B1
XOUT
XIN
DOUT
A6
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT12E2Tx
8-Address
4-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D3
D4
D5
D6
D7
D8
D9
XOUT
XIN
DOUT
D2
D1
D0
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16A2Tx
20SSOP
4-Address
10-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D1
D2
D3
D4
D5
D6
D7
XOUT
XIN
DOUT
D0
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16C2Tx
20SSOP
6-Address
8-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A7
D0
D1
D2
D3
D4
D5
XOUT
XIN
DOUT
A6
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16E2Tx
20SSOP
8-Address
6-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A7
A8
A9
D0
D1
D2
D3
XOUT
XIN
DOUT
A6
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT16G2Tx
20SSOP
10-Address
4-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D3
D4
D5
D6
D7
B0
B1
XOUT
XIN
DOUT
D2
D1
D0
A3
A2
A1
A0
VDD
VSS
PAOUT
HT12A2Tx
4-Address
8-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
D1
D2
D3
D4
D5
B0
B1
XOUT
XIN
DOUT
D0
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT12C2Tx
6-Address
6-Data
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A7
D0
D1
D2
D3
B0
B1
XOUT
XIN
DOUT
A6
A5
A4
A3
A2
A1
A0
VDD
VSS
PAOUT
HT12E2Tx
8-Address
4-Data
Pin Description
Pin Name
Type
Description
VDD
Positive powe� s�ppl�.
VSS
Negative powe� s�ppl�.
AX
I
DIP switch inp�t
Inte�nal p�ll high p�ovided
DX
I
P�sh b�tton inp�t and t�ansmission enable - active Low
Can be exte�nall� set to VDD o� left open
B0
I
Compo�nd pin of pin16 and pin19 fo� HT1�x�Tx onl�
Ex. In HT1�C�Tx� if B0 is p�lled low� that means D5 and D� a�e p�lled low togethe�.
B1
I
Compo�nd pin of pin 16 and pin 17 fo� HT1�x�T onl�
DOUT
O
Encode� data o�tp�t
PAOUT
O
RF t�ansmit Signal
XIN
I
C��stal pin – f�eq�enc� is RF ca��ie� f�eq�enc� divided b� 3�
e.g: fo� 315MHz RF ca��ie� a 9.�4375MHz c��stal sho�ld be selected
XOUT
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com