Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT16X2TX Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT16X2TX
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16X2TX Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT16X2TX Datasheet HTML 2Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 3Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 4Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 5Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 6Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 7Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 8Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 9Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev. 1.00
4
�an�a�� ��� �011
Rev. 1.00
5
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Absolute Maximum Ratings
Logic Supply Voltage ....................................................................................................... 2V to 3.6V
Logic Input Voltage ........................................................................................VSS-0.3V to VDD+0.3V
Storage Temperature ..................................................................................................-55°C to 150°C
Operating Temperature ................................................................................................-40°C to 85°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
Specifications apply for VDD = 3.0V, Ta = 25°C, Freq X’talOSC = 13.560MHz, EN = VDD. Bold values indicate
–20°C to70°C unless otherwise noted. 1kbps data rate 50% duty cycle. RL 50ohm load (matched)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VDD
Conditions
VIH
“H” Inp�t Voltage
0.�VDD
V
VIL
“L” Inp�t Voltage
0.�VDD
V
RPH
P�ll-high Resistance
3
Dx
150
Td
One bit data width fo�
HT1�x�Tx/HT16x�Tx
3
0.9
1.0
1.1
ms
I1
Data High C���ent
3V
@ 315MHz� POUT = +10dBm
@ 433.9�MHz
13.5
mA
I0
Data Low c���ent
3V
@ 315MHz
@ 433.9� MHz
3.0
mA
ISTBY
DIN disabled c���ent
3V
1
µA
RF and Crystal
O�tp�t powe� level
3V
@315MHz� VDD=3.3V
@433.9�MHz� VDD=3.3V
10
dBm
Ha�monic o�tp�t fo�
315 MHz
3V
@630MHz� �nd ha�m.
@945MHz� 3�d ha�m.
-43
-5�
dBc
Ha�monic o�tp�t fo�
433.9� MHz
3V
@�67.�4MHz� �nd ha�m.
@1301.76MHz� 3�d ha�m.
-40
-47
dBc
Extinction �atio fo� ASK
10Kbps
3V
70
dBc
Occ�pied Bandwidth
3V
@315MHz
@433.9�MHz
<700
<1000
kHz
315 MHz Single Side
Band Phase Noise
3V
@ 100kHz f�om Ca��ie�
@ 1000kHz f�om Ca��ie�
-73
-77
dBc/Hz
433.9� MHz Single
Side Band Phase Noise
3V
@ 100kHz f�om Ca��ie�
@ 1000kHz f�om Ca��ie�
-7�
-76
dBc/Hz
XTLIN� XTLOUT
3V
Pin capacitance
pF
Exte�nal Capacitance
3V
See application ci�c�it C3� C4
@315MHz
@433.9�MHz
15
1�
pF
O�tp�t Blanking
3V
STDBY t�ansition f�om LOW to
HIGH (=Pilot pe�iod)
1�
bits
ASK to RF O�t
Response Time
3V
Delta between ASK Inp�t T�ansition
f�om Low to High to RF O�tp�t
T�ansition f�om Low to High
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com