Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT16X2TX Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT16X2TX
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16X2TX Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT16X2TX Datasheet HTML 4Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 5Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 6Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 7Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 8Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 9Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 10Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 11Page - Holtek Semiconductor Inc HT16X2TX Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev. 1.00
6
�an�a�� ��� �011
Rev. 1.00
7
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
For example:
RF carrier range: 315MHz
Td
(Crystal = 9.84375MHz)
HT16x�T3/HT1�x�T3
0.975ms
RF carrier range: 433MHz
Td
(Crystal = 13.56MHz)
HT16x�T4/HT1�x�T4
0.99ms
Code Word
A group of code bits is called a code word. A code word consists of one Pilot-code (Synchronous
bit) followed by address/ data bits. Refer to the diagram below:
HT16C2Tx:
Pilot-code
A0~A5
D0~D7
1 1
HT16E2Tx:
Pilot-code
A0~A7
D0~D5
1 1
HT16G2Tx:
Pilot-code
A0~A9
D0~D3
1 1
HT12C2Tx:
Pilot-code
A0~A5
D0~D5
HT12E2Tx:
Pilot-code
A0~A7
D0~D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com