Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT6P20B2T3 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6P20B2T3
Description  2 Encoder with ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20B2T3 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6P20B2T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Selection Table
Part No.
VDD
Addr. No.
Data No.
Trig.
Frequency Band
RF Type
Package
HT6P20B2T3
2.0V~3.6V
22
2
Data
300MHz~450MHz
ASK TX
16NSOP
HT6P20D2T3
2.0V~3.6V
20
4
Data
300MHz~450MHz
ASK TX
16NSOP
HT6P20F2T3
2.0V~3.6V
19
5
Data
300MHz~450MHz
ASK TX
16NSOP
Block Diagram
Note:
Address/Data setups are available in various combinations, for details refer to the functional
description.
Pin Assignment
HT6P20B2T3/D2T3/F2T3
2
24 Encoder with ASK Transmitter
Rev. 1.00
2
September 13, 2010
H T 6 P 2 0 B 2 T 3
1 6 N S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
N C
N C
V S S
N C
V S S
E N
A V D D
A V S S
D 1
D 0
V D D
D O U T
X O U T
X I N
A V S S
P A O U T
H T 6 P 2 0 D 2 T 3
1 6 N S O P - B
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
D 2
D 3
V S S
N C
V S S
E N
A V D D
A V S S
D 1
D 0
V D D
D O U T
X O U T
X I N
A V S S
P A O U T
H T 6 P 2 0 F 2 T 3
1 6 N S O P - C
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
D 2
D 3
V S S
D 4
V S S
E N
A V D D
A V S S
D 1
D 0
V D D
D O U T
X O U T
X I N
A V S S
P A O U T
X I N
X O U T
V S S
V D D
P A O U T
E N
H T 6 P 2 0 F 2 T 3
H T 6 P 2 0 D 2 T 3
H T 6 P 2 0 B 2 T 3
D 0
D 0
D 0
D 1
D 1
D 1
D 2
D 2
D 3
D 3
D 4
D O U T
X ' t a l
O s c i l l a t o r
I R C
P r o g r a m m i n g
C i r c u i t
C o n t r o l U n i t
P A
E n a b l e
C o n t r o l
L o c a l O s c i l l a t o r
( P L L & V C O )
A d d r e s s
C o u n t e r
M i x e r & D r i v e r
D a t a L a t c h
3 2 x f O S C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com