Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT6P20B2T3 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6P20B2T3
Description  2 Encoder with ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20B2T3 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6P20B2T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
Pin Name
I/O
Internal
Connection
Description
NC
¾¾
No connection for HT6P20B2T3/HT6P20D2T3
D0~D1
I
CMOS in Pull-high
Data input and transmission enable - active low. Can be externally set
to VSS or left open.
D2~D3
I
CMOS in Pull-high
Data input and transmission enable - active low. Can be externally set
to VSS or left open for the HT6P20D2T3.
D4
I
CMOS in Pull-high
Data input and transmission enable - active low. Can be externally set
to VSS or left open for the HT6P20F2T3.
EN
I
RF enable pin
RF enable - active high; When set low, the RF is enabled by the data
input.
VDD
¾¾
Positive power supply
AVDD
¾¾
RF positive power supply
VSS
¾¾
Negative power supply, ground
AVSS
¾¾
RF negative power supply, ground
PAOUT
O
Power amplify output L/C matching circuit
XIN
O
Crystal Fs input
Crystal value is 9.84375MHz at 315MHz and 13.56MHz at 433.92MHz
XOUT
I
Crystal Fs output
DOUT
O
CMOS OUT
Data serial transmission output
Approximate Internal Connection Circuits
Absolute Maximum Ratings
Supply Voltage ..............................................................................................VSS
-0.3V to VSS+3.6V
Storage Temperature .................................................................................................
-50°Cto125°C
Input Voltage .................................................................................................VSS
-0.3V to VDD+0.3V
Operating Temperature................................................................................................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Rat-
ings
² may cause substantial damage to the device. Functional operation of this device at other condi-
tions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
HT6P20B2T3/D2T3/F2T3
2
24 Encoder with ASK Transmitter
Rev. 1.00
3
September 13, 2010
D 0 ~ D 5 P i n s
D O U T P i n
V D D
V S S
V D D
V S S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com