Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT6P20B2T3 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6P20B2T3
Description  2 Encoder with ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20B2T3 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6P20B2T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20B2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
V
DD
Operating Voltage
¾¾
2
¾
3.6
V
V
IH
²H² Input Voltage
¾¾
0.8V
DD
¾
V
DD
V
V
IL
²L² Input Voltage
¾¾
0
¾
0.2V
DD
V
t
DW
Bit Time Width
3.0V
¾¾
1.2
¾
ms
Ta=25
°C, Freq. X¢tal OSC=13.560MHz, EN=VDD. Bold values indicate -20°Cto+70°C unless
otherwise noted. 1kbps data rate 50% duty cycle. RL 50
W load (matched).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
I
I
Data High Current
3V
@315MHz, POUT=+10dBm,
@433.92MHz
¾
12.5
¾
mA
I
O
Data Low Current
3V
@315MHz, 433.92MHz
¾
3.0
¾
mA
I
STB
EN Low & DIN Low Current
3V
¾
1
¾mA
RF and Crystal
Output Power Level
3.5V
@315MHz
¾
9
¾
dBm
@433.92MHz
¾
9
¾
dBm
Harmonics Output for 315MHz
3V
@630MHz, 2nd harm
¾-48
¾
dBc
@945MHz, 3rd harm
¾-60
¾
dBc
Harmonics Output for 433.92MHz
3V
@867.84MHz, 2nd harm
¾-45
¾
dBc
@1301.76MHz, 3rd harm
¾-55
¾
dBc
Extinction Ratio for ASK 10Kbps
3V
¾¾
70
¾
dBc
Data Rate
3V
¾
10
¾¾
kbps
Occupied Bandwidth
3V
@315MHz
¾
<700
¾
kHz
@433.92MHz
¾
<1000
¾
kHz
315MHz Single Side Band Phase
Noise
3V
@100kHz from Carrier
¾-78
¾
dBc/Hz
@1000kHz from Carrier
¾-77
¾
dBc/Hz
433.92MHz Single Side Band
Phase Noise
3V
@100kHz from Carrier
¾-78
¾
dBc/Hz
@1000kHz from Carrier
¾-76
¾
dBc/Hz
XTLIN, XTLOUT
3V
Pin capacitance
¾
2
¾
pF
External Capacitance
3V
See application circuit C3, C4
@315MHz
@433.92MHz
¾
15
18
¾
pF
Output Blanking
3V
Standby transition from low to
high
¾
500
¾ms
HT6P20B2T3/D2T3/F2T3
2
24 Encoder with ASK Transmitter
Rev. 1.00
4
September 13, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com