Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC짰)
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 49Page - Cypress Semiconductor CY8C52 Datasheet HTML 50Page - Cypress Semiconductor CY8C52 Datasheet HTML 51Page - Cypress Semiconductor CY8C52 Datasheet HTML 52Page - Cypress Semiconductor CY8C52 Datasheet HTML 53Page - Cypress Semiconductor CY8C52 Datasheet HTML 54Page - Cypress Semiconductor CY8C52 Datasheet HTML 55Page - Cypress Semiconductor CY8C52 Datasheet HTML 56Page - Cypress Semiconductor CY8C52 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. **
Page 53 of 94
11.2 Device Level Specifications
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.2.1 Device Level Specifications
Table 11-2. DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
VDDA
Analog supply voltage and input to
analog core regulator
Analog core regulator enabled
1.8
–
5.5
V
VDDA
Analog supply voltage, analog
regulator bypassed
Analog core regulator disabled
1.71
1.8
1.89
V
VDDD
Digital supply voltage relative to
VSSD
Digital core regulator enabled
1.8
–
VDDA[13]
V
VDDD
Digital supply voltage, digital
regulator bypassed
Digital core regulator disabled
1.71
1.8
1.89
V
VDDIO[14]
I/O supply voltage relative to VSSIO
1.71
–
VDDA[13]
V
VCCA
Direct analog core voltage input
(Analog regulator bypass)
Analog core regulator disabled
1.71
1.8
1.89
V
VCCD
Direct digital core voltage input
(Digital regulator bypass)
Digital core regulator disabled
1.71
1.8
1.89
V
IDD[15]
Active Mode, VDD = 1.71 V–5.5 V
Execute from flash cache, see
Cache Controller on page 11 and
Flash Program Memory on page 16
CPU at 6 MHz
T = –40 °C
–
–
–
mA
T = 25 °C
–
2
–
mA
T = 85 °C
–
–
–
mA
Sleep Mode[16]
CPU = OFF
RTC = ON (= ECO32K ON, in low
power mode)
Sleep timer = ON (= ILO ON at
1 kHz)[17]
WDT = OFF
Comparator = OFF
POR = ON
Boost = OFF
SIO pins in single ended input,
unregulated output mode
VDD = VDDIO = 4.5–5.5 V
T= –40 °C
–
–
–
µA
T= 25 °C
–
–
–
µA
T= 85 °C
–
–
–
µA
VDD = VDDIO = 2.7–3.6 V
T= –40 °C
–
–
–
µA
T= 25 °C
–
2
–
µA
T= 85 °C
–
–
–
µA
VDD = VDDIO = 1.71–1.95 V T= –40 °C
–
–
–
µA
T= 25 °C
–
–
–
µA
T= 85 °C
–
–
–
µA
Comparator = ON
CPU = OFF
RTC = OFF
Sleep timer = OFF
WDT = OFF
POR = ON
Boost = OFF
SIO pins in single ended input,
unregulated output mode
VDD = VDDIO = 2.7–3.6 V
T= 25 °C
–
–
–
µA
Notes
13. The power supplies can be brought up in any sequence however once stable VDDA must be greater than or equal to all other supplies.
14. The VDDIO supply voltage must be greater than the maximum analog voltage on the associated GPIO pins. Maximum analog voltage on GPIO pin ≤ VDDIO ≤ VDDA.
15. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective data sheets, available in
PSoC Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular
system from the device data sheet and component data sheets.
16. If VCCD and VCCA are externally regulated, the voltage difference between VCCD and VCCA must be less than 50 mV.
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com