Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52 Datasheet(PDF) 78 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC짰)
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 78 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 74Page - Cypress Semiconductor CY8C52 Datasheet HTML 75Page - Cypress Semiconductor CY8C52 Datasheet HTML 76Page - Cypress Semiconductor CY8C52 Datasheet HTML 77Page - Cypress Semiconductor CY8C52 Datasheet HTML 78Page - Cypress Semiconductor CY8C52 Datasheet HTML 79Page - Cypress Semiconductor CY8C52 Datasheet HTML 80Page - Cypress Semiconductor CY8C52 Datasheet HTML 81Page - Cypress Semiconductor CY8C52 Datasheet HTML 82Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. **
Page 78 of 94
11.3.3 Pulse Width Modulation
The following specifications apply to the Timer/Counter/PWM peripheral, in PWM mode. PWM components can also be implemented
in UDBs; for more information, see the PWM component data sheet in PSoC Creator.
11.3.4 I2C
Controller Area Network[35]
Table 11-35. PWM DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit PWM, at listed input clock
frequency
–
–
–
µA
3 MHz
–
15
–
µA
12 MHz
–
60
–
µA
40 MHz
–
260
–
µA
Table 11-36. PWM AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
–
40.01
MHz
Pulse width
25
–
–
ns
Pulse width (external)
30
–
–
ns
Kill pulse width
25
–
–
ns
Kill pulse width (external)
30
–
–
ns
Enable pulse width
25
–
–
ns
Enable pulse width (external)
30
–
–
ns
Reset pulse width
25
–
–
ns
Reset pulse width (external)
30
–
–
ns
Table 11-37. Fixed I2C DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
Enabled, configured for 100 kbps
–
–
250
µA
Enabled, configured for 400 kbps
–
–
260
µA
Table 11-38. Fixed I2C AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
–
–
1
Mbps
Table 11-39. CAN DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
IDD
Block current consumption
–
–
200
µA
Note
35. Refer to ISO 11898 specification for details.
Table 11-40. CAN AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Bit rate
Minimum 8 MHz clock
–
–
1
Mbit
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com