Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C52 Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC짰)
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 80Page - Cypress Semiconductor CY8C52 Datasheet HTML 81Page - Cypress Semiconductor CY8C52 Datasheet HTML 82Page - Cypress Semiconductor CY8C52 Datasheet HTML 83Page - Cypress Semiconductor CY8C52 Datasheet HTML 84Page - Cypress Semiconductor CY8C52 Datasheet HTML 85Page - Cypress Semiconductor CY8C52 Datasheet HTML 86Page - Cypress Semiconductor CY8C52 Datasheet HTML 87Page - Cypress Semiconductor CY8C52 Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 94 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. **
Page 84 of 94
11.6 Clocking
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values.
11.6.1 32 kHz External Crystal
11.6.2 Internal Main Oscillator
Figure 11-55. IMO Current vs. Frequency
Note
41. Based on device characterization (Not production tested).
Table 11-57. 32 kHz External Crystal DC Specifications[41]
Parameter
Description
Conditions
Min
Typ
Max
Units
ICC
Operating current
Low power mode
–
0.25
1.0
µA
CL
External crystal capacitance
–
6
–
pF
DL
Drive level
–
–
1
µW
Table 11-58. 32 kHz External Crystal AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
F
Frequency
–
32.768
–
kHz
TON
Startup time
High power mode
–
1
–
s
Table 11-59. IMO DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Supply current
24 MHz
–
–
300
µA
12 MHz
–
–
200
µA
6 MHz
–
–
180
µA
3 MHz
–
–
150
µA
Table 11-60. IMO AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FIMO
IMO frequency stability (with factory trim)
24 MHz
–6
–
6
%
12 MHz
–6
–
6
%
6 MHz
–4
–
4
%
3 MHz
–4
–
4
%
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com