Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGA428 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BGA428
Description  Gain and PCS Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA428 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BGA428_07 Datasheet HTML 1Page - Infineon Technologies AG BGA428_07 Datasheet HTML 2Page - Infineon Technologies AG BGA428_07 Datasheet HTML 3Page - Infineon Technologies AG BGA428_07 Datasheet HTML 4Page - Infineon Technologies AG BGA428_07 Datasheet HTML 5Page - Infineon Technologies AG BGA428_07 Datasheet HTML 6Page - Infineon Technologies AG BGA428_07 Datasheet HTML 7Page - Infineon Technologies AG BGA428_07 Datasheet HTML 8Page - Infineon Technologies AG BGA428_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
4
Rev. 2.2, 2007-11-06
BGA428
Silicon Germanium Broadband MMIC Amplifier
1
Silicon Germanium Broadband MMIC Amplifier
Figure 1
Pin connection
Description
BGA428 is a high gain, low noise amplifier.
Note: ESD: Electrostatic discharge sensitive device, observe handling precaution
Feature
High gain,
G
MA = 20 dB at 1.8 GHz
Low noise figure,
NF = 1.4 dB at 1.8 GHz
•Prematched
Ideal for GSM, DCS1800, PCS1900
Open collector output
Typical supply voltage: 2.4 - 3 V
•SIEGET®-45 technology
Pb-free (RoHS compliant) package1)
1) Pb-containing package may be available upon special request
SOT363
Type
Package
Marking
BGA428
SOT363
PGs
1
6
2
3
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com