Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGA428 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BGA428
Description  Gain and PCS Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA428 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BGA428_07 Datasheet HTML 2Page - Infineon Technologies AG BGA428_07 Datasheet HTML 3Page - Infineon Technologies AG BGA428_07 Datasheet HTML 4Page - Infineon Technologies AG BGA428_07 Datasheet HTML 5Page - Infineon Technologies AG BGA428_07 Datasheet HTML 6Page - Infineon Technologies AG BGA428_07 Datasheet HTML 7Page - Infineon Technologies AG BGA428_07 Datasheet HTML 8Page - Infineon Technologies AG BGA428_07 Datasheet HTML 9Page - Infineon Technologies AG BGA428_07 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6
Rev. 2.2, 2007-11-06
BGA428
Electrical Characteristics
2
Electrical Characteristics
2.1
Electrical characteristics at
T
A = 25 °C (measured in test circuit specified in
Figure 2),
V
CC = 2.7 V, Frequency = 1.8 GHz, unless otherwise specified
Figure 2
Test Circuit for Electrical Characteristics and S-Parameter
Table 3
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Maximum available power gain
G
MA
20
dB
Noise figure (
Z
S = 50 Ω)
NF
1.4
dB
Input power at 1 dB gain compression
P
-1dB
-19
dBm
Input third order intercept point
IIP
3
9dBm
Total device current
I
tot
8.2
mA
Insertion loss in gain-step-mode
L
GS
13.5
dB
V
CC =0.0 V,
V
CTRL =2.7 V,
R
CRRL =3 kΩ
BGA428_Test_Circuit.vsd
Top View
Bias-T
Bias-T
47pF
180pF
100nF
2.7V
Out
In
VCTRL
GS
GND
IN
VCC
OUT
R
CTRL =3kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com