Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGA428 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA428
Description  Gain and PCS Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA428 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA428_07 Datasheet HTML 1Page - Infineon Technologies AG BGA428_07 Datasheet HTML 2Page - Infineon Technologies AG BGA428_07 Datasheet HTML 3Page - Infineon Technologies AG BGA428_07 Datasheet HTML 4Page - Infineon Technologies AG BGA428_07 Datasheet HTML 5Page - Infineon Technologies AG BGA428_07 Datasheet HTML 6Page - Infineon Technologies AG BGA428_07 Datasheet HTML 7Page - Infineon Technologies AG BGA428_07 Datasheet HTML 8Page - Infineon Technologies AG BGA428_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BGA428
Silicon Germanium Broadband MMIC Amplifier
Data Sheet
5
Rev. 2.2, 2007-11-06
Maximum Ratings
Note: All Voltages refer to GND-Node
Thermal resistance
Table 1
Maximum ratings
Parameter
Symbol
Limit Value
Unit
Device voltage
V
CC
4V
Voltage at pin Out
V
out
4V
Voltage at pin GS
V
GS
3.5
V
Current into pin In
I
in
0.5
mA
Total device current1)
1)
I
tot = Current into Out + Current into VCC
I
tot
12
mA
Input power2)
2) Valid for:
a)
Z
L = 50 Ω, ZS = 50 Ω, VCC = 2.7 V, Vout = 2.7 V, VGS = 0.0 V, GND = 0.0 V
b)
Z
L = 50 Ω, ZS = 50 Ω, VCC =0.0 V, Vout = 0.0 V, VGS = 2.7 V, GND = 0.0 V
P
in
8dBm
Total power dissipation,
T
S < 125 °C
3)
3)
TS is measured on the ground lead at the soldering point
P
tot
50
mW
Junction temperature
T
J
150
°C
Operating temperature range
T
OP
-40... 85
°C
Storage temperature range
T
STG
-65... 150
°C
Table 2
Thermal resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
1) For calculation of
R
thJA please refer to Application Note Thermal Resistance
R
thJS
220
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com