Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301 Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC24FV32KA301
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC24FV32KA301 Datasheet HTML 36Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 37Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 38Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 39Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 40Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 41Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 42Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 43Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 40
PIC24FV32KA304 FAMILY
4.2.2
DATA MEMORY ORGANIZATION
AND ALIGNMENT
To maintain backward compatibility with PIC® devices
and improve data space memory usage efficiency, the
PIC24F instruction set supports both word and byte
operations. As a consequence of byte accessibility, all
Effective Address (EA) calculations are internally
scaled to step through word-aligned memory. For
example, the core recognizes that Post-Modified
Register Indirect Addressing mode [Ws++] will result in
a value of Ws + 1 for byte operations and Ws + 2 for
word operations.
Data byte reads will read the complete word, which
contains the byte, using the LSB of any EA to
determine which byte to select. The selected byte is
placed onto the LSB of the data path. That is, data
memory and the registers are organized as two
parallel, byte-wide entities with shared (word) address
decode, but separate write lines. Data byte writes only
write to the corresponding side of the array or register,
which matches the byte address.
All word accesses must be aligned to an even address.
Misaligned word data fetches are not supported, so
care must be taken when mixing byte and word
operations, or translating from 8-bit MCU code. If a
misaligned read or write is attempted, an address error
trap will be generated. If the error occurred on a read,
the instruction underway is completed; if it occurred on
a write, the instruction will be executed, but the write
will not occur. In either case, a trap is then executed,
allowing the system and/or user to examine the
machine state prior to execution of the address Fault.
All byte loads into any W register are loaded into the
LSB. The MSB is not modified.
A Sign-Extend (SE) instruction is provided to allow the
users to translate 8-bit signed data to 16-bit signed
values. Alternatively, for 16-bit unsigned data, users
can clear the MSB of any W register by executing a
Zero-Extend (ZE) instruction on the appropriate
address.
Although most instructions are capable of operating on
word or byte data sizes, it should be noted that some
instructions operate only on words.
4.2.3
NEAR DATA SPACE
The 8-Kbyte area between 0000h and 1FFFh is
referred to as the near data space. Locations in this
space are directly addressable via a 13-bit absolute
address field within all memory direct instructions. The
remainder of the data space is addressable indirectly.
Additionally, the whole data space is addressable using
MOV
instructions, which support Memory Direct
Addressing (MDA) with a 16-bit address field. For
PIC24FV32KA304
family
devices,
the
entire
implemented data memory lies in Near Data Space
(NDS).
4.2.4
SFR SPACE
The first 2 Kbytes of the near data space, from 0000h
to 07FFh, are primarily occupied with Special Function
Registers (SFRs). These are used by the PIC24F core
and peripheral modules for controlling the operation of
the device.
SFRs are distributed among the modules that they
control and are generally grouped together by the
module. Much of the SFR space contains unused
addresses; these are read as ‘0’. The SFR space,
where the SFRs are actually implemented, is provided
in Table 4-2. Each implemented area indicates a
32-byte region, where at least one address is
implemented as an SFR. A complete listing of
implemented SFRs, including their addresses, is
provided in Table 4-3 through Table 4-25.
TABLE 4-2:
IMPLEMENTED REGIONS OF SFR DATA SPACE
SFR Space Address
xx00
xx20
xx40
xx60
xx80
xxA0
xxC0
xxE0
000h
Core
ICN
Interrupts
—
100h
Timers
Capture
—Compare
—
—
—
200h
I2C™
UART
SPI
—
—I/O
300h
ADC/CMTU
—
—
—
—
400h
—
—
—
—
—
—
—
—
500h
—
—
—
—
—
—
—
—
600h
—
RTC/Comp
CRC
—
—
700h
—
—
System/DS/HLVD
NVM/PMD
—
—
—
—
Legend:
— = No implemented SFRs in this block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com