Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301 Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC24FV32KA301
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301 Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC24FV32KA301 Datasheet HTML 78Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 79Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 80Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 81Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 82Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 83Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 84Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 85Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 82
 2011 Microchip Technology Inc.
8.3
Interrupt Control and Status
Registers
The PIC24FV32KA304 family of devices implements a
total of 22 registers for the interrupt controller:
• INTCON1
• INTCON2
• IFS0, IFS1, IFS3 and IFS4
• IEC0, IEC1, IEC3 and IEC4
• IPC0 through IPC5, IPC7 and IPC15 through
IPC19
•INTTREG
Global interrupt control functions are controlled from
INTCON1 and INTCON2. INTCON1 contains the
Interrupt Nesting Disable (NSTDIS) bit, as well as the
control and status flags for the processor trap sources.
The INTCON2 register controls the external interrupt
request signal behavior and the use of the AIV table.
The IFSx registers maintain all of the interrupt request
flags. Each source of interrupt has a status bit, which is
set by the respective peripherals, or external signal,
and is cleared via software.
The IECx registers maintain all of the interrupt enable
bits. These control bits are used to individually enable
interrupts from the peripherals or external signals.
The IPCx registers are used to set the interrupt priority
level for each source of interrupt. Each user interrupt
source can be assigned to one of eight priority levels.
The INTTREG register contains the associated
interrupt vector number and the new CPU interrupt
priority level, which are latched into the Vector Number
(VECNUM<6:0>) and the Interrupt Level (ILR<3:0>) bit
fields in the INTTREG register. The new interrupt
priority level is the priority of the pending interrupt.
The interrupt sources are assigned to the IFSx, IECx
and IPCx registers in the same sequence listed in
Table 8-2. For example, the INT0 (External Interrupt 0)
is depicted as having a vector number and a natural
order priority of 0. The INT0IF status bit is found in
IFS0<0>, the INT0IE enable bit in IEC0<0> and the
INT0IP<2:0> priority bits are in the first position of IPC0
(IPC0<2:0>).
Although they are not specifically part of the interrupt
control hardware, two of the CPU control registers
contain bits that control interrupt functionality. The ALU
STATUS register (SR) contains the IPL<2:0> bits
(SR<7:5>). These indicate the current CPU interrupt
priority level. The user may change the current CPU
priority level by writing to the IPL bits.
The CORCON register contains the IPL3 bit, which
together with IPL<2:0>, also indicates the current CPU
priority level. IPL3 is a read-only bit so that the trap
events cannot be masked by the user’s software.
All interrupt registers are described in Register 8-1
through Register 8-33, in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com