Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301 Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC24FV32KA301
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC24FV32KA301 Datasheet HTML 43Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 44Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 45Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 46Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 47Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 48Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 49Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 50Page - Microchip Technology PIC24FV32KA301 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 320 page
background image
TABLE 4-11:
SPI REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
SPI1STAT
0240
SPIEN
—
SPISIDL
—
—
SPIBEC2 SPIBEC1 SPIBEC0 SRMPT
SPIROV SR1MPT
SISEL2
SISEL1
SISEL0
SPITBF
SPIRBF
0000
SPI1CON1
0242
—
—
—
DISSCK
DISSDO MODE16
SMP
CKE
SSEN
CKP
MSTEN
SPRE2
SPRE1
SPRE0
PPRE1
PPRE0
0000
SPI1CON2
0244
FRMEN
SPIFSD SPIFPOL
—
—
—
—
—
—
—
—
—
—
—
SPIFE
SPIBEN
0000
SPI1BUF
0248
SPI1BUF
0000
SPI2STAT
0260
SPIEN
—
SPISIDL
—
—
SPIBEC2 SPIBEC1 SPIBEC0 SRMPT
SPIROV SRXMPT
SISEL2
SISEL1
SISEL0
SPITBF
SPIRBF
0000
SPI2CON1
0262
—
—
—
DISSCK
DISSDO MODE16
SMP
CKE
SSEN
CKP
MSTEN
SPRE2
SPRE1
SPRE0
PPRE1
PPRE0
0000
SPI2CON2
0264
FRMEN
SPIFSD SPIFPOL
—
—
—
—
—
—
—
—
—
—
—
SPIFE
SPIBEN
0000
SPI2BUF
0268
SPI2BUF
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-12:
PORTA REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11(2,3)
Bit 10(2,3)
Bit 9(2,3)
Bit 8(2,3)
Bit 7(2)
Bit 6(4)
Bit 5(1)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISA
02C0
—
—
—
—
TRISA11
TRISA10
TRISA9
TRISA8
TRISA7
TRISA6
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
00DF
PORTA
02C2
—
—
—
—
RA11
RA10
RA9
RA8
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx
LATA
02C4
—
—
—
—
LATA11
LATA10
LATA9
LATA8
LATA7
LATA6
—
LATA4
LATA3
LATA2
LATA1
LATA0
xxxx
ODCA
02C6
—
—
—
—
ODA11
ODA10
ODA9
ODA8
ODA7
ODA6
—
ODA4
ODA3
ODA2
ODA1
ODA0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This bit is available only when MCLRE = 1.
2:
These bits are not implemented in 20-pin devices.
3:
These bits are not implemented in 28-pin devices.
4:
These bits are not implemented in FV devices.
TABLE 4-13:
PORTB REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11(1)
Bit 10(1)
Bit 9
Bit 8
Bit 7
Bit 6(1)
Bit 5(1)
Bit 4
Bit 3(1)
Bit 2
Bit 1
Bit 0
All
Resets
TRISB 02C8
TRISB15
TRISB14
TRISB13
TRISB12
TRISB11
TRISB10
TRISB9
TRISB8
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
FFFF
PORTB 02CA
RB15
RB14
RB13
RB12
RB11
RB10
RB9
RB8
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx
LATB
02CC
LATB15
LATB14
LATB13
LATB12
LATB11
LATB10
LATB9
LATB8
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
xxxx
ODCB 02CE
ODB15
ODB14
ODB13
ODB12
ODB11
ODB10
ODB9
ODB8
ODB7
ODB6
ODB5
ODB4
ODB3
ODB2
ODB1
ODB0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
These bits not implemented in 20-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com